Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7140FCC Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7140FCC
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCC Datasheet(HTML) 4 Page - Texas Instruments

  ISO7140FCC Datasheet HTML 1Page - Texas Instruments ISO7140FCC Datasheet HTML 2Page - Texas Instruments ISO7140FCC Datasheet HTML 3Page - Texas Instruments ISO7140FCC Datasheet HTML 4Page - Texas Instruments ISO7140FCC Datasheet HTML 5Page - Texas Instruments ISO7140FCC Datasheet HTML 6Page - Texas Instruments ISO7140FCC Datasheet HTML 7Page - Texas Instruments ISO7140FCC Datasheet HTML 8Page - Texas Instruments ISO7140FCC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1
2
3
4
5
6
7
8
ISO7140
9
10
11
12
13
14
15
16
NC
INA
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
IND
OUTD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
OUTC
OUTA
INC
OUTB
NC
EN2
EN1
V
CC1
GND1
GND1
V
CC2
GND1
V
CC1
NC
V
CC2
ISO7131
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
IND
EN2
EN1
GND1
GND1
V
CC1
OUTD
V
CC2
ISO7141
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
www.ti.com
5 Pin Configuration and Functions
16-Pin
SSOP Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ISO7131
ISO7140
ISO7141
Output enable. All output pins are enabled when EN is high or disconnected and
EN
—
10
—
I
disabled when EN is low.
Output enable 1. Output pins on side-1 are enabled when EN1 is high or
EN1
7
—
7
I
disconnected and disabled when EN1 is low.
Output enable 2. Output pins on side-2 are enabled when EN2 is high or
EN2
10
—
10
I
disconnected and disabled when EN2 is low.
GND1
2,8
2,8
2,8
—
Ground connection for VCC1
GND2
9,15
9,15
9,15
—
Ground connection for VCC2
INA
3
3
3
I
Input, channel A
INB
4
4
4
I
Input, channel B
INC
12
5
5
I
Input, channel C
IND
—
6
11
I
Input, channel D
NC
6,11
7
—
—
No Connect pins are floating with no internal connection
OUTA
14
14
14
O
Output, channel A
OUTB
13
13
13
O
Output, channel B
OUTC
5
12
12
O
Output, channel C
OUTD
—
11
6
O
Output, channel D
VCC1
1
1
1
—
Power supply, VCC1
VCC2
16
16
16
—
Power supply, VCC2
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com