Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6762F Datasheet(PDF) 26 Page - Texas Instruments

Part # ISO6762F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6762F Datasheet(HTML) 26 Page - Texas Instruments

Back Button ISO6762F Datasheet HTML 22Page - Texas Instruments ISO6762F Datasheet HTML 23Page - Texas Instruments ISO6762F Datasheet HTML 24Page - Texas Instruments ISO6762F Datasheet HTML 25Page - Texas Instruments ISO6762F Datasheet HTML 26Page - Texas Instruments ISO6762F Datasheet HTML 27Page - Texas Instruments ISO6762F Datasheet HTML 28Page - Texas Instruments ISO6762F Datasheet HTML 29Page - Texas Instruments ISO6762F Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
7 Parameter Measurement Information
IN
OUT
CL
See Note B
VO
VI
VOL
VOH
VCCI
0 V
tr
50
Input
Generator
(See Note A)
VI
VO
tf
tPLH
tPHL
50%
50%
50%
50%
90%
10%
Copyright © 2016, Texas Instruments Incorporated
A.
The input pulse is supplied by a generator having the following characteristics: PRR ≤ 50 kHz, 50% duty cycle, tr ≤ 3 ns, tf ≤ 3ns, ZO =
50 Ω. At the input, 50 Ω resistor is required to terminate Input Generator signal. It is not needed in actual application.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 7-1. Switching Characteristics Test Circuit and Voltage Waveforms
VI
VCC
IN
OUT
VO
CL
See Note A
IN = 0 V (Devices without suffix F)
IN = VCC (Devices with suffix F)
VO
VI
VOL
VOH
VCC
0 V
1.4 V
50%
tDO
default high
default low
See Note B
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
B.
Power Supply Ramp Rate = 10 mV/ns
Figure 7-2. Default Output Delay Time Test Circuit and Voltage Waveforms
IN
OUT
VCCO
GNDI
+
±
VCM
+
±
VOH or VOL
VCCI
Pass-fail criteria:
The output must
remain stable.
CL
See Note A
S1
GNDO
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
B.
For optimized CMTI performance, a 0.1 μF + 1 μF decoupling capacitor should be placed close to VCC1 and VCC2. Please see Section
11.2 for capacitor placement details. A recommended 0.1μF capacitor is LLL185R71A104MA11L (CAP CER 0.1UF 10V X7R 0306 - LW
Reversed Low ESL Chip Ceramic Capacitors) or equivalent.
Figure 7-3. Common-Mode Transient Immunity Test Circuit
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com