Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7640FMDW Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7640FMDW
Description  ISO764xFM Low-Power Quad-Channel Digital Isolators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7640FMDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7640FMDW Datasheet HTML 4Page - Texas Instruments ISO7640FMDW Datasheet HTML 5Page - Texas Instruments ISO7640FMDW Datasheet HTML 6Page - Texas Instruments ISO7640FMDW Datasheet HTML 7Page - Texas Instruments ISO7640FMDW Datasheet HTML 8Page - Texas Instruments ISO7640FMDW Datasheet HTML 9Page - Texas Instruments ISO7640FMDW Datasheet HTML 10Page - Texas Instruments ISO7640FMDW Datasheet HTML 11Page - Texas Instruments ISO7640FMDW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ISO7640FM, ISO7641FM
SLLSE89G – SEPTEMBER 2011 – REVISED JANUARY 2015
www.ti.com
6.8 Electrical Characteristics: VCC1 and VCC2 at 3.3 V ±10%
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 9
VCCO
(1) – 0.4
3
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 9
VCCO
(1) – 0.1
3.3
IOL = 4 mA; see Figure 9
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 9
0
0.1
VI(HYS)
Input threshold voltage
425
mV
hysteresis
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
Common-mode transient
CMTI
VI = VCC or 0 V; see Figure 12
25
50
kV/
μs
immunity
(1)
VCCO is the supply voltage, VCC1 or VCC2, for the output channel that is being measured.
6.9 Electrical Characteristics: VCC1 and VCC2 at 2.7 V
VCC1 and VCC2 at 2.7 V
(1) (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 9
VCCO
(2) – 0.5
2.4
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 9
VCCO
(2) – 0.1
2.7
IOL = 4 mA; see Figure 9
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 9
0
0.1
VI(HYS)
Input threshold voltage hysteresis
350
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 12
25
50
kV/
μs
(1)
For 2.7-V operation, max data rate is 100 Mbps.
(2)
VCCO is the supply voltage, VCC1 or VCC2, for the output channel that is being measured.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com