Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7640FMDWR Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7640FMDWR
Description  ISO764xFM Low-Power Quad-Channel Digital Isolators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7640FMDWR Datasheet(HTML) 2 Page - Texas Instruments

  ISO7640FMDWR Datasheet HTML 1Page - Texas Instruments ISO7640FMDWR Datasheet HTML 2Page - Texas Instruments ISO7640FMDWR Datasheet HTML 3Page - Texas Instruments ISO7640FMDWR Datasheet HTML 4Page - Texas Instruments ISO7640FMDWR Datasheet HTML 5Page - Texas Instruments ISO7640FMDWR Datasheet HTML 6Page - Texas Instruments ISO7640FMDWR Datasheet HTML 7Page - Texas Instruments ISO7640FMDWR Datasheet HTML 8Page - Texas Instruments ISO7640FMDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ISO7640FM, ISO7641FM
SLLSE89G – SEPTEMBER 2011 – REVISED JANUARY 2015
www.ti.com
Table of Contents
6.17
Switching Characteristics: VCC1 at 3.3 V ±10% and
1
Features .................................................................. 1
VCC2 at 5 V ±10% .................................................... 15
2
Applications ........................................................... 1
6.18
Switching Characteristics: VCC1 and VCC2 at 3.3 V
3
Description ............................................................. 1
±10% ........................................................................ 15
4
Revision History..................................................... 2
6.19
Switching Characteristics: VCC1 and VCC2 at 2.7
V............................................................................... 16
5
Pin Configuration and Functions ......................... 5
6.20
Typical Characteristics .......................................... 17
6
Specifications......................................................... 6
7
Parameter Measurement Information ................ 19
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
8
Detailed Description ............................................ 21
6.3
Recommended Operating Conditions ....................... 6
8.1
Overview ................................................................. 21
6.4
Thermal Information .................................................. 6
8.2
Functional Block Diagram ....................................... 21
6.5
Electrical Characteristics: VCC1 and VCC2 at 5 V
8.3
Feature Description................................................. 21
±10% .......................................................................... 7
8.4
Device Functional Modes........................................ 25
6.6
Electrical Characteristics: VCC1 at 5 V ±10% and
9
Application and Implementation ........................ 26
VCC2 at 3.3 V ±10% ................................................... 7
9.1
Application Information............................................ 26
6.7
Electrical Characteristics: VCC1 at 3.3 V ±10% and
9.2
Typical Application ................................................. 26
VCC2 at 5 V ±10% ...................................................... 7
10
Power Supply Recommendations ..................... 29
6.8
Electrical Characteristics: VCC1 and VCC2 at 3.3 V
±10% .......................................................................... 8
11
Layout................................................................... 29
6.9
Electrical Characteristics: VCC1 and VCC2 at 2.7 V ... 8
11.1
Layout Guidelines ................................................. 29
6.10
Supply Current: VCC1 and VCC2 at 5 V ±10% ......... 9
11.2
Layout Example .................................................... 29
6.11
Supply Current: VCC1 at 5 V ±10% and VCC2 at 3.3
12
Device and Documentation Support ................. 30
V ±10%..................................................................... 10
12.1
Documentation Support ........................................ 30
6.12
Supply Current: VCC1 at 3.3 V ±10% and VCC2 at 5
12.2
Related Links ........................................................ 30
V ±10%..................................................................... 11
12.3
Trademarks ........................................................... 30
6.13
Supply Current: VCC1 and VCC2 at 3.3 V ±10% .... 12
12.4
Electrostatic Discharge Caution ............................ 30
6.14
Supply Current: VCC1 and VCC2 at 2.7 V............... 13
12.5
Glossary ................................................................ 30
6.15
Switching Characteristics: VCC1 and VCC2 at 5 V
13
Mechanical, Packaging, and Orderable
±10% ........................................................................ 14
Information ........................................................... 30
6.16
Switching Characteristics: VCC1 at 5 V ±10% and
VCC2 at 3.3 V ±10% ................................................. 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (September 2013) to Revision G
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
VDE standard changed to DIN V VDE V 0884-10 (VDE V 0884-10):2006-12. ..................................................................... 1
Changes from Revision E (January 2013) to Revision F
Page
•
Changed the REGULATORY INFORMATION table, TUV column From: Certificate Number: U8V 13 07 77311 009
To: Certificate Number: U8V 13 09 77311 010 .................................................................................................................... 23
Changes from Revision D (July 2012) to Revision E
Page
•
Changed Z to Undetermined in the OUTPUT (OUTx) column of the FUNCTION TABLE................................................... 25
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com