Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6761FDWR Datasheet(PDF) 30 Page - Texas Instruments

Part # ISO6761FDWR
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6761FDWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button ISO6761FDWR Datasheet HTML 26Page - Texas Instruments ISO6761FDWR Datasheet HTML 27Page - Texas Instruments ISO6761FDWR Datasheet HTML 28Page - Texas Instruments ISO6761FDWR Datasheet HTML 29Page - Texas Instruments ISO6761FDWR Datasheet HTML 30Page - Texas Instruments ISO6761FDWR Datasheet HTML 31Page - Texas Instruments ISO6761FDWR Datasheet HTML 32Page - Texas Instruments ISO6761FDWR Datasheet HTML 33Page - Texas Instruments ISO6761FDWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO676x devices are high-performance, six-channel digital isolators. The ISO676x devices use single-
ended CMOS-logic switching technology. The supply voltage range is from 1.71 V to 5.5 V for both supplies,
VCC1 and VCC2. Since an isolation barrier separates the two sides, each side can be sourced independently with
any voltage within recommended operating conditions. As an example, it is possible to supply ISO676x VCC1
with 3.3 V (which is within 1.71 V to 5.5 V) and VCC2 with 5V (which is also within 1.71 V to 5.5 V). You can
use the digital isolator as a logic-level translator in addition to providing isolation. When designing with digital
isolators, keep in mind that because of the single-ended design structure, digital isolators do not conform to any
specific interface standard and are only intended for isolating single-ended CMOS or TTL digital signal lines. The
isolator is typically placed between the data controller (that is, MCU or FPGA), and a data converter or a line
transceiver, regardless of the interface type or standard.
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com