Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7710FDR Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7710FDR
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7710FDR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7710FDR Datasheet HTML 17Page - Texas Instruments ISO7710FDR Datasheet HTML 18Page - Texas Instruments ISO7710FDR Datasheet HTML 19Page - Texas Instruments ISO7710FDR Datasheet HTML 20Page - Texas Instruments ISO7710FDR Datasheet HTML 21Page - Texas Instruments ISO7710FDR Datasheet HTML 22Page - Texas Instruments ISO7710FDR Datasheet HTML 23Page - Texas Instruments ISO7710FDR Datasheet HTML 24Page - Texas Instruments ISO7710FDR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The ISO7710 device is a high-performance, single-channel digital isolator. The device uses single-ended CMOS-
logic switching technology. The supply voltage range is from 2.25 V to 5.5 V for both supplies, VCC1 and VCC2.
When designing with digital isolators, keep in mind that because of the single-ended design structure, digital
isolators do not conform to any specific interface standard and are only intended for isolating single-ended
CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that is, μC or
UART), and a data converter or a line transceiver, regardless of the interface type or standard.
8.2 Typical Application
The ISO7710 device can be used with Texas Instruments' mixed signal microcontroller, CAN transceiver,
transformer driver, and low-dropout voltage regulator to create an Isolated CAN Interface as shown below.
0.1 F
VS
10 F
MBR0520L
MBR0520L
1:1.33
10 F
3
1
D2
SN6501
D1
5
2
GND
GND
4
3.3 V
IN
EN
GND
OUT
1
5
2
3
TPS76333
10 F
ISO 3.3V
VCC
RS
GND
Vref
CANH
CANL
7
6
4
R
D
1,3
2
1,3
0.1 F
0.1 F
SN65HVD231
ISO Barrier
4.7 nF /
2 kV
SM712
10
(optional)
10
(optional)
Vcc
0.1 F
25
26
VCC1
VCC2
GND1
GND2
VCC1
IN
OUT
IN
OUT
GND2
VCC2
GND1
ISO7710
ISO7710
5
6
4
2
0.1 F
0.1 F
8
5
8
6
1
3
4
2
0.1 F
8
5
TMS320F28035PAG
CANRXA
6,28
29,57
VSS
VDDIO
CANTXA
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. Isolated CAN Interface
www.ti.com
ISO7710
SLLSER9E – NOVEMBER 2016 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO7710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com