Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7710FDR.B Datasheet(PDF) 23 Page - Texas Instruments

Part # ISO7710FDR.B
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7710FDR.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO7710FDR.B Datasheet HTML 19Page - Texas Instruments ISO7710FDR.B Datasheet HTML 20Page - Texas Instruments ISO7710FDR.B Datasheet HTML 21Page - Texas Instruments ISO7710FDR.B Datasheet HTML 22Page - Texas Instruments ISO7710FDR.B Datasheet HTML 23Page - Texas Instruments ISO7710FDR.B Datasheet HTML 24Page - Texas Instruments ISO7710FDR.B Datasheet HTML 25Page - Texas Instruments ISO7710FDR.B Datasheet HTML 26Page - Texas Instruments ISO7710FDR.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
8.2.3.1 Insulation Lifetime
Insulation lifetime projection data is collected by using industry-standard Time Dependent Dielectric Breakdown
(TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a two-terminal
device and high voltage applied between the two sides; See Figure 8-4 for TDDB test setup. The insulation
breakdown data is collected at various high voltages switching at 60 Hz over temperature. For reinforced
insulation, VDE standard requires the use of TDDB projection line with failure rate of less than 1 part per million
(ppm). Even though the expected minimum insulation lifetime is 20 years at the specified working isolation
voltage, VDE reinforced certification requires additional safety margin of 20% for working voltage and 50% for
lifetime which translates into minimum required insulation lifetime of 30 years at a working voltage that's 20%
higher than the specified value.
Figure 8-5 shows the intrinsic capability of the isolation barrier to withstand high voltage stress over the lifetime
of the device. Based on the TDDB data, the intrinsic capability of the insulation is 1500 VRMS with a lifetime of
36 years. Other factors, such as package size, pollution degree, material group, and more can further limit the
working voltage of the component. The working voltage of DW-16 package is specified up to 1500 VRMS and
D-8 package up to 450 VRMS. At the lower working voltages, the corresponding insulation lifetime is much longer
than 36 years.
DUT
Vcc 2
Vcc 1
GND 1
GND 2
A
Ovenat150°C
TimeCounter
> 1 mA
V
S
Figure 8-4. Test Setup for Insulation Lifetime Measurement
www.ti.com
ISO7710
SLLSER9E – NOVEMBER 2016 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISO7710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com