Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720DWR.B Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO7720DWR.B
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720DWR.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO7720DWR.B Datasheet HTML 25Page - Texas Instruments ISO7720DWR.B Datasheet HTML 26Page - Texas Instruments ISO7720DWR.B Datasheet HTML 27Page - Texas Instruments ISO7720DWR.B Datasheet HTML 28Page - Texas Instruments ISO7720DWR.B Datasheet HTML 29Page - Texas Instruments ISO7720DWR.B Datasheet HTML 30Page - Texas Instruments ISO7720DWR.B Datasheet HTML 31Page - Texas Instruments ISO7720DWR.B Datasheet HTML 32Page - Texas Instruments ISO7720DWR.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
9.2.3 Application Curve
The following typical eye diagrams of the ISO772x family of devices indicate low jitter and wide open eye at the
maximum data rate of 100 Mbps.
Time = 3.5 ns / div
Figure 9-3. ISO7720 Eye Diagram at 100 Mbps
PRBS, 5-V Supplies and 25°C
Time = 3.5 ns / div
Figure 9-4. ISO7721 Eye Diagram at 100 Mbps
PRBS, 5-V Supplies and 25°C
9.2.3.1 Insulation Lifetime
Insulation lifetime projection data is collected by using industry-standard Time Dependent Dielectric Breakdown
(TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a two-terminal
device and high voltage applied between the two sides; See Test Setup for Insulation Lifetime Measurement
for TDDB test setup. The insulation breakdown data is collected at various high voltages switching at 60 Hz
over temperature. For reinforced insulation, VDE standard requires the use of TDDB projection line with failure
rate of less than 1 part per million (ppm). Even though the expected minimum insulation lifetime is 20 years at
the specified working isolation voltage, VDE reinforced certification requires additional safety margin of 20% for
working voltage and 50% for lifetime which translates into minimum required insulation lifetime of 30 years at a
working voltage that's 20% higher than the specified value.
Insulation Lifetime Projection Data shows the intrinsic capability of the isolation barrier to withstand high voltage
stress over its lifetime. Based on the TDDB data, the intrinsic capability of the insulation is 1500 VRMS with a
lifetime of 36 years. Other factors, such as package size, pollution degree, material group, etc. can further limit
the working voltage of the component. The working voltage of DW-16 and DWV-8 packages is specified up to
1500 VRMS and D-8 package up to 450 VRMS. At the lower working voltages, the corresponding insulation lifetime
is much longer than 36 years.
DUT
Vcc 2
Vcc 1
GND 1
GND 2
A
Ovenat150°C
TimeCounter
> 1 mA
V
S
Figure 9-5. Test Setup for Insulation Lifetime Measurement
www.ti.com
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com