Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7730FDBQR.B Datasheet(PDF) 31 Page - Texas Instruments

Part # ISO7730FDBQR.B
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730FDBQR.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button ISO7730FDBQR.B Datasheet HTML 27Page - Texas Instruments ISO7730FDBQR.B Datasheet HTML 28Page - Texas Instruments ISO7730FDBQR.B Datasheet HTML 29Page - Texas Instruments ISO7730FDBQR.B Datasheet HTML 30Page - Texas Instruments ISO7730FDBQR.B Datasheet HTML 31Page - Texas Instruments ISO7730FDBQR.B Datasheet HTML 32Page - Texas Instruments ISO7730FDBQR.B Datasheet HTML 33Page - Texas Instruments ISO7730FDBQR.B Datasheet HTML 34Page - Texas Instruments ISO7730FDBQR.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
8.2.3 Application Curves
The following typical eye diagrams of the ISO773x family of devices indicate low jitter and wide open eye at the
maximum data rate of 100 Mbps.
Figure 8-4. Eye Diagram at 100 Mbps PRBS 216 – 1,
5 V and 25°C
Figure 8-5. Eye Diagram at 100 Mbps PRBS 216 – 1,
3.3 V and 25°C
Figure 8-6. Eye Diagram at 100 Mbps PRBS 216 – 1, 2.5 V and 25°C
8.2.3.1 Insulation Lifetime
Insulation lifetime projection data is collected by using industry-standard Time Dependent Dielectric Breakdown
(TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a two-terminal
device and high voltage applied between the two sides; See Figure 8-7 for TDDB test setup. The insulation
breakdown data is collected at various high voltages switching at 60 Hz over temperature. For reinforced
insulation, VDE standard requires the use of TDDB projection line with failure rate of less than 1 part per million
(ppm). Even though the expected minimum insulation lifetime is 20 years at the specified working isolation
voltage, VDE reinforced certification requires additional safety margin of 20% for working voltage and 50% for
lifetime which translates into minimum required insulation lifetime of 30 years at a working voltage that is 20%
higher than the specified value.
Figure 8-8 shows the intrinsic capability of the isolation barrier to withstand high voltage stress over the lifetime
of the barrier. Based on the TDDB data, the intrinsic capability of the insulation is 1500 VRMS with a lifetime of
36 years. Other factors, such as package size, pollution degree, material group, and more can further limit the
working voltage of the component. The working voltage of DW-16 package is specified up to 1500 VRMS. At the
lower working voltages, the corresponding insulation lifetime is much longer than 36 years. DBQ-16 package at
400 VRMS working voltage has a much longer lifetime than DW-16 package.
www.ti.com
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com