Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7730FDWR.A Datasheet(PDF) 19 Page - Texas Instruments

Part # ISO7730FDWR.A
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730FDWR.A Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO7730FDWR.A Datasheet HTML 15Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 16Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 17Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 18Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 19Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 20Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 21Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 22Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
5.17 Switching Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 6-1
7.5
12
21
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.2
5.9
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4.4
ns
tsk(pp)
Part-to-part skew time(3)
5.3
ns
tr
Output signal rise time
See Figure 6-1
1
3.5
ns
tf
Output signal fall time
1
3.5
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 6-2
22
41
ns
tPLZ
Disable propagation delay, low-to-high impedance output
22
40
ns
tPZH
Enable propagation delay, high impedance-to-high output for
ISO773x
18
40
ns
Enable propagation delay, high impedance-to-high output for
ISO773x with F suffix
3.3
8.5
μs
tPZL
Enable propagation delay, high impedance-to-low output for
ISO773x
3.3
8.5
μs
Enable propagation delay, high impedance-to-low output for
ISO773x with F suffix
18
40
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7V. See Figure 6-3
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.6
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
www.ti.com
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com