Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740FDBQR.A Datasheet(PDF) 31 Page - Texas Instruments

Part # ISO7740FDBQR.A
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740FDBQR.A Datasheet(HTML) 31 Page - Texas Instruments

Back Button ISO7740FDBQR.A Datasheet HTML 27Page - Texas Instruments ISO7740FDBQR.A Datasheet HTML 28Page - Texas Instruments ISO7740FDBQR.A Datasheet HTML 29Page - Texas Instruments ISO7740FDBQR.A Datasheet HTML 30Page - Texas Instruments ISO7740FDBQR.A Datasheet HTML 31Page - Texas Instruments ISO7740FDBQR.A Datasheet HTML 32Page - Texas Instruments ISO7740FDBQR.A Datasheet HTML 33Page - Texas Instruments ISO7740FDBQR.A Datasheet HTML 34Page - Texas Instruments ISO7740FDBQR.A Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The ISO774x devices are high-performance, quad-channel digital isolators. These devices come with enable
pins on each side which can be used to put the respective outputs in high impedance for multi-controller driving
applications and reduce power consumption. The ISO774x devices use single-ended CMOS-logic switching
technology. The voltage range is from 2.25 V to 5.5 V for both supplies, VCC1 and VCC2. When designing with
digital isolators, keep in mind that because of the single-ended design structure, digital isolators do not conform
to any specific interface standard and are only intended for isolating single-ended CMOS or TTL digital signal
lines. The isolator is typically placed between the data controller (that is, μC or UART), and a data converter or a
line transceiver, regardless of the interface type or standard.
8.2 Typical Application
Figure 8-1 shows the isolated serial peripheral interface (SPI).
Vcc1
Vcc2
GND1
GND2
OUTA
16
14
13
2,8
9,15
4
XOUT
XIN
5
6
2
MSP430
G2132
(14-PW)
INA
OUTD
1
3
4
5
6
ISO7741
DVss
DVcc
0.1 F
0.1 F
0.1 F
EN1
EN2
7
10
INB
12
11
OUTB
OUTC
IND
0.1 F
INC
SDI
P1.4
SCLK
SDO
9
6
7
8
4.7 k
4.7 k
28
VBD
AGND
CH0
1,22
CS
26
23
24
25
SCLK
SDI
20
SDO
ADS7953
CH15
5
BDGND
27
32
VA
31
REFP
2
MXO
3
AINP
REFM
30
VIN
GND
VOUT
2
6
4
REF5025
1 F
10 F
VS
0.1 F
MBR0520L
MBR0520L
1:1.33
0.1 F
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3 V
IN
EN
GND
OUT
4
1
2
3
TLV70733
10 F
3.3 VISO
10 F
22 F
16
Analog
Inputs
ISO-BARRIER
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. Isolated SPI for an Analog Input Module With 16 Input
www.ti.com
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com