Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7730FDWR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7730FDWR.B
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730FDWR.B Datasheet(HTML) 2 Page - Texas Instruments

  ISO7730FDWR.B Datasheet HTML 1Page - Texas Instruments ISO7730FDWR.B Datasheet HTML 2Page - Texas Instruments ISO7730FDWR.B Datasheet HTML 3Page - Texas Instruments ISO7730FDWR.B Datasheet HTML 4Page - Texas Instruments ISO7730FDWR.B Datasheet HTML 5Page - Texas Instruments ISO7730FDWR.B Datasheet HTML 6Page - Texas Instruments ISO7730FDWR.B Datasheet HTML 7Page - Texas Instruments ISO7730FDWR.B Datasheet HTML 8Page - Texas Instruments ISO7730FDWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................5
5.4 Thermal Information....................................................6
5.5 Power Ratings.............................................................6
5.6 Insulation Specifications............................................. 7
5.7 Safety-Related Certifications...................................... 9
5.8 Safety Limiting Values...............................................10
5.9 Electrical Characteristics—5-V Supply......................11
5.10 Supply Current Characteristics—5-V Supply.......... 12
5.11 Electrical Characteristics—3.3-V Supply.................13
5.12 Supply Current Characteristics—3.3-V Supply....... 14
5.13 Electrical Characteristics—2.5-V Supply ............... 15
5.14 Supply Current Characteristics—2.5-V Supply....... 16
5.15 Switching Characteristics—5-V Supply...................17
5.16 Switching Characteristics—3.3-V Supply................18
5.17 Switching Characteristics—2.5-V Supply................19
5.18 Insulation Characteristics Curves........................... 20
5.19 Typical Characteristics............................................ 21
6 Parameter Measurement Information.......................... 23
7 Detailed Description......................................................25
7.1 Overview................................................................... 25
7.2 Functional Block Diagram......................................... 25
7.3 Feature Description...................................................26
7.4 Device Functional Modes..........................................27
8 Application and Implementation.................................. 28
8.1 Application Information............................................. 28
8.2 Typical Application.................................................... 28
8.3 Power Supply Recommendations.............................32
8.4 Layout....................................................................... 32
9 Device and Documentation Support............................34
9.1 Documentation Support............................................ 34
9.2 Receiving Notification of Documentation Updates....34
9.3 Support Resources................................................... 34
9.4 Trademarks...............................................................34
9.5 Electrostatic Discharge Caution................................34
9.6 Glossary....................................................................34
10 Revision History.......................................................... 34
11 Mechanical, Packaging, and Orderable
Information.................................................................... 35
4 Pin Configuration and Functions
GND1
GND2
9
8
NC
EN2
10
7
NC
NC
11
6
INC
OUTC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
Figure 4-1. ISO7730 DW and DBQ Packages 16-Pin SOIC-WB and QSOP Top View
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com