Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7840FDW.A Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO7840FDW.A
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840FDW.A Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO7840FDW.A Datasheet HTML 25Page - Texas Instruments ISO7840FDW.A Datasheet HTML 26Page - Texas Instruments ISO7840FDW.A Datasheet HTML 27Page - Texas Instruments ISO7840FDW.A Datasheet HTML 28Page - Texas Instruments ISO7840FDW.A Datasheet HTML 29Page - Texas Instruments ISO7840FDW.A Datasheet HTML 30Page - Texas Instruments ISO7840FDW.A Datasheet HTML 31Page - Texas Instruments ISO7840FDW.A Datasheet HTML 32Page - Texas Instruments ISO7840FDW.A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
www.ti.com
PACKAGE OUTLINE
C
0 -8
17.4
17.1
14X 1.27
16X 0.51
0.31
(2.286)
2.65 MAX
2X
8.89
0.3
0.1
0.28
0.22 TYP
(1.625)
A
10.4
10.2
NOTE 3
B
14.1
13.9
NOTE 4
0.25
GAGE PLANE
1.1
0.6
SOIC - 2.65 mm max height
DWW0016A
PLASTIC SMALL OUTLINE
4221501/B 10/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0,15 mm per side.
4. This dimension does not include interlead flash.
PIN 1 ID AREA
1
8
0.25
A B C
9
16
0.1 C
SEATING PLANE
SEE DETAIL A
TYPICAL
DETAIL A
SCALE 1.000
www.ti.com
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com