Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7840FDW.B Datasheet(PDF) 30 Page - Texas Instruments

Part # ISO7840FDW.B
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840FDW.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button ISO7840FDW.B Datasheet HTML 26Page - Texas Instruments ISO7840FDW.B Datasheet HTML 27Page - Texas Instruments ISO7840FDW.B Datasheet HTML 28Page - Texas Instruments ISO7840FDW.B Datasheet HTML 29Page - Texas Instruments ISO7840FDW.B Datasheet HTML 30Page - Texas Instruments ISO7840FDW.B Datasheet HTML 31Page - Texas Instruments ISO7840FDW.B Datasheet HTML 32Page - Texas Instruments ISO7840FDW.B Datasheet HTML 33Page - Texas Instruments ISO7840FDW.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
14X
(1.27)
(16.25)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
16X (0.6)
16X (2)
(14.25)
(R0.05)
TYP
(DIM B)
16X (DIM C)
16X (0.6)
(DIM A)
14X
(1.27)
(R0.05)
TYP
SOIC - 2.65 mm max height
DWW0016A
PLASTIC SMALL OUTLINE
4221501/B 10/2024
OPTION
DIM A
DIM B
DIM C
01
16.375
14.5
1.875
02
16.625
15
1.625
03
16.725
15.2
1.525
SYMM
SYMM
LAND PATTERN EXAMPLE
STANDARD
SCALE:3X
1
8
9
16
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
OPENING
SOLDER MASK
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
SOLDER MASK
METAL UNDER
SOLDER MASK
OPENING
SOLDER MASK
DEFINED
PCB CLEARANCE & CREEPAGE OPTIMIZED
LAND PATTERN EXAMPLE
SCALE:3X
SYMM
SYMM
1
8
9
16
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com