Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7840FDWR Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO7840FDWR
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840FDWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO7840FDWR Datasheet HTML 1Page - Texas Instruments ISO7840FDWR Datasheet HTML 2Page - Texas Instruments ISO7840FDWR Datasheet HTML 3Page - Texas Instruments ISO7840FDWR Datasheet HTML 4Page - Texas Instruments ISO7840FDWR Datasheet HTML 5Page - Texas Instruments ISO7840FDWR Datasheet HTML 6Page - Texas Instruments ISO7840FDWR Datasheet HTML 7Page - Texas Instruments ISO7840FDWR Datasheet HTML 8Page - Texas Instruments ISO7840FDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5.4 Thermal Information
ISO7840
UNIT
THERMAL METRIC(1)
DW (SOIC)
DWW (SOIC)
16 Pins
16 Pins
RθJA
Junction-to-ambient thermal resistance
78.9
78.9
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
41.6
41.1
°C/W
RθJB
Junction-to-board thermal resistance
43.6
49.5
°C/W
ψJT
Junction-to-top characterization parameter
15.5
15.2
°C/W
ψJB
Junction-to-board characterization parameter
43.1
48.8
°C/W
RθJC(bottom) Junction-to-case(bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Power Ratings
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL = 15pF, input a 50MHz 50% duty cycle square wave
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation by ISO7840x
200
mW
PD1
Maximum power dissipation by side-1 of
ISO7840x
40
mW
PD2
Maximum power dissipation by side-2 of
ISO7840x
160
mW
www.ti.com
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com