Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D950-CORE Datasheet(PDF) 30 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 30 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 26Page - STMicroelectronics D950-CORE Datasheet HTML 27Page - STMicroelectronics D950-CORE Datasheet HTML 28Page - STMicroelectronics D950-CORE Datasheet HTML 29Page - STMicroelectronics D950-CORE Datasheet HTML 30Page - STMicroelectronics D950-CORE Datasheet HTML 31Page - STMicroelectronics D950-CORE Datasheet HTML 32Page - STMicroelectronics D950-CORE Datasheet HTML 33Page - STMicroelectronics D950-CORE Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
30/89
D950-Core
Low Power Mode
There are two ways to enter the low power mode:
•
Execution of LP instruction.
The LP instruction is a 3-cycle conditional instruction. The Low Power mode is
entered after the last execute cycle of the LP instruction.
•
Driving LP to low state.
LP is falling edge sensitive. Low Power mode can be entered only if the
processor is not in HOLD state or in Emulation mode.
The instruction decoded at the time that a LP request is recognized, is executed. Entering Low
Power mode is acknowledged by driving LPACK low.
When operating in Low Power mode, the D950-Core enters an idle state. In this state, the
following events occur:
•
The clock generator is stopped (internal cycle clock) and INCYCLE remains
active. BSU_CLK, DMA_CLK are stopped.
•
The internal state of the processor is frozen.
•
X and Y data buses stay driven to Hi-Z.
•
The bus address lines and control lines are driven to Hi-Z.
Exit of Low Power mode: Initiated by detecting a falling edge on IT. The processor clock
generator is restarted and LPACK is driven to a high state. If interrupts were disabled, program
execution restarts from the current PC and interrupt handshake signals ITACK and EOI are
not activated. If interrupts were enabled, a normal interrupt process starts.
STOP Mode
STOP mode is entered by use of the STOP instruction. The STOP instruction is processed as
the LP instruction, all clocks are stopped at the same time as the internal clock is stopped. The
LPACK signal is activated in the same way as for LP instruction.
Exit of the STOP mode is performed by detection of an interrupt request with the same
conditions as for exit of LP. LPACK signal is activated in the same way as for LP.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com