Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720FDWVR.B Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7720FDWVR.B
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720FDWVR.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7720FDWVR.B Datasheet HTML 9Page - Texas Instruments ISO7720FDWVR.B Datasheet HTML 10Page - Texas Instruments ISO7720FDWVR.B Datasheet HTML 11Page - Texas Instruments ISO7720FDWVR.B Datasheet HTML 12Page - Texas Instruments ISO7720FDWVR.B Datasheet HTML 13Page - Texas Instruments ISO7720FDWVR.B Datasheet HTML 14Page - Texas Instruments ISO7720FDWVR.B Datasheet HTML 15Page - Texas Instruments ISO7720FDWVR.B Datasheet HTML 16Page - Texas Instruments ISO7720FDWVR.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current (1)
RθJA =137.7°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 6-5
165
mA
RθJA = 137.7°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 6-5
252
RθJA = 137.7°C/W, VI = 2.75 V, TJ =
150°C, TA = 25°C, see Figure 6-5
330
PS
Safety input, output, or total power (1)
RθJA = 137.7°C/W, TJ = 150°C, TA =
25°C, see Figure 6-6
908
mW
TS
Maximum safety temperature (1)
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in Section 6.4 is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
www.ti.com
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com