Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7721DWR Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO7721DWR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7721DWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO7721DWR Datasheet HTML 20Page - Texas Instruments ISO7721DWR Datasheet HTML 21Page - Texas Instruments ISO7721DWR Datasheet HTML 22Page - Texas Instruments ISO7721DWR Datasheet HTML 23Page - Texas Instruments ISO7721DWR Datasheet HTML 24Page - Texas Instruments ISO7721DWR Datasheet HTML 25Page - Texas Instruments ISO7721DWR Datasheet HTML 26Page - Texas Instruments ISO7721DWR Datasheet HTML 27Page - Texas Instruments ISO7721DWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
8.3 Feature Description
The ISO772x family of devices is available in two channel configurations and default output state options to
enable a variety of application uses. Table 8-1 lists the device features of the ISO772x devices.
Table 8-1. Device Features
PART NUMBER
MAXIMUM DATA
RATE
CHANNEL DIRECTION
DEFAULT OUTPUT
STATE
PACKAGE
RATED ISOLATION(1)
ISO7720
100 Mbps
2 Forward, 0 Reverse
High
DW-16
5000 VRMS / 8000 VPK
DWV-8
5000 VRMS / 7071 VPK
D-8
3000 VRMS / 4242 VPK
ISO7720F
100 Mbps
2 Forward, 0 Reverse
Low
DW-16
5000 VRMS / 8000 VPK
DWV-8
5000 VRMS / 7071 VPK
D-8
3000 VRMS / 4242 VPK
ISO7721
100 Mbps
1 Forward, 1 Reverse
High
DW-16
5000 VRMS / 8000 VPK
DWV-8
5000 VRMS / 7071 VPK
D-8
3000 VRMS / 4242 VPK
ISO7721F
100 Mbps
1 Forward, 1 Reverse
Low
DW-16
5000 VRMS / 8000 VPK
DWV-8
5000 VRMS / 7071 VPK
D-8
3000 VRMS / 4242 VPK
ISO7721B
100 Mbps
1 Forward, 1 Reverse
High
DW-16
5000 VRMS / 8000 VPK
ISO7721FB
100 Mbps
1 Forward, 1 Reverse
Low
DW-16
5000 VRMS / 8000 VPK
(1)
See Section 6.7 for detailed isolation ratings.
8.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO772x
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
• Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
• Low-resistance connectivity of ESD cells to supply and ground pins.
• Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
• Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
• PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
• Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com