Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7842FDWWR Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO7842FDWWR
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842FDWWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7842FDWWR Datasheet HTML 18Page - Texas Instruments ISO7842FDWWR Datasheet HTML 19Page - Texas Instruments ISO7842FDWWR Datasheet HTML 20Page - Texas Instruments ISO7842FDWWR Datasheet HTML 21Page - Texas Instruments ISO7842FDWWR Datasheet HTML 22Page - Texas Instruments ISO7842FDWWR Datasheet HTML 23Page - Texas Instruments ISO7842FDWWR Datasheet HTML 24Page - Texas Instruments ISO7842FDWWR Datasheet HTML 25Page - Texas Instruments ISO7842FDWWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
1
2
3
4
5
6
7
8
16
14
13
12
11
10
9
INB
OUTC
VCC2
VCC1
0.1 µF
0.1 µF
Copyright © 2016, Texas Instruments Incorporated
INA
OUTB
OUTD
IND
OUTC
INC
VCC1
GND1
INA
INB
OUTC
OUTD
EN1
GND1
VCC2
GND2
OUTA
OUTB
INC
IND
EN2
GND2
GND1
GND2
GND1
GND2
EN
EN
ISO7842
Figure 8-2. Typical ISO7842 Circuit Hook-Up
8.2.3 Application Curve
The typical eye diagram of the ISO7842 device indicates low jitter and wide open eye at the maximum data rate
of 100Mbps.
Figure 8-3. Eye Diagram at 100Mbps PRBS, 5V and 25°C
8.3 Power Supply Recommendations
To help provide reliable operation at data rates and supply voltages, a 0.1μF bypass capacitor is recommended
at input and output supply pins (VCC1 and VCC2). The capacitors must be placed as close to the supply pins
as possible. If only a single primary-side power supply is available in an application, isolated power can be
generated for the secondary-side with the help of a transformer driver such as Texas Instruments SN6501. For
such applications, detailed power supply design and transformer selection recommendations are available in
SN6501 Transformer Driver for Isolated Power Supplies.
ISO7842, ISO7842F
SLLSEJ0I – OCTOBER 2014 – REVISED JULY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com