Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7742FDWR Datasheet(PDF) 36 Page - Texas Instruments

Part # ISO7742FDWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7742FDWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button ISO7742FDWR Datasheet HTML 32Page - Texas Instruments ISO7742FDWR Datasheet HTML 33Page - Texas Instruments ISO7742FDWR Datasheet HTML 34Page - Texas Instruments ISO7742FDWR Datasheet HTML 35Page - Texas Instruments ISO7742FDWR Datasheet HTML 36Page - Texas Instruments ISO7742FDWR Datasheet HTML 37Page - Texas Instruments ISO7742FDWR Datasheet HTML 38Page - Texas Instruments ISO7742FDWR Datasheet HTML 39Page - Texas Instruments ISO7742FDWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, ADS79xx 12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial
Interface ADCs, data sheet
• Texas Instruments, Digital Isolator Design Guide, application note
• Texas Instruments, Isolation Glossary, application note
• Texas Instruments, How to use isolation to improve ESD, EFT, and Surge immunity in industrial systems,
application note
• Texas Instruments, MSP430G2132 Mixed Signal Microcontroller, data sheet
• Texas Instruments, REF50xx Low-Noise, Very Low Drift, Precision Voltage Reference, data sheet
• Texas Instruments, SN6501 Transformer Driver for Isolated Power Supplies, data sheet
• Texas Instruments, SN6505A Low-Noise 1-A Transformer Drivers for Isolated Power Supplies, data sheet
• Texas Instruments, TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable
Devices, data sheet
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (January 2024) to Revision J (October 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout document....................... 2
• Updated distance through isolation, while maintaining other insulation specifications.......................................9
• Updated the input leakage current for ENx pins throughout the electrical characteristic sections................... 13
• Updated the TDDB plot and the projected lifetime........................................................................................... 33
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com