Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTS2-10B Datasheet(PDF) 15 Page - ABB

Part # MTS2-10B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MTS2-10B Datasheet(HTML) 15 Page - ABB

Back Button MTS2-10B Datasheet HTML 11Page - ABB MTS2-10B Datasheet HTML 12Page - ABB MTS2-10B Datasheet HTML 13Page - ABB MTS2-10B Datasheet HTML 14Page - ABB MTS2-10B Datasheet HTML 15Page - ABB MTS2-10B Datasheet HTML 16Page - ABB MTS2-10B Datasheet HTML 17Page - ABB MTS2-10B Datasheet HTML 18Page - ABB MTS2-10B Datasheet HTML 19Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 15
Modular range
Assemblies
LED blocks
MLBL-01W
Description
Rated cur-
rent mA
Wavelength
nm
Luminance
mcd
Type
Order code
Pkg
qty
Rated voltage 24 V AC/DC
l
Red
10.0
620
250
MLBL-01R
1SFA611621R1011
10
l
Green
10.0
520
1500
MLBL-01G
1SFA611621R1012
10
l
Yellow
10.0
588
250
MLBL-01Y
1SFA611621R1013
10
l
Blue
10.0
468
450
MLBL-01L
1SFA611621R1014
10
l
White
10.0
2)
600
MLBL-01W
1SFA611621R1015
10
Rated voltage 110-130 V AC
l
Red
10.0
620
200
MLBL-04R
1SFA611621R1041
10
l
Green
10.0
520
1200
MLBL-04G
1SFA611621R1042
10
l
Yellow
10.0
588
250
MLBL-04Y
1SFA611621R1043
10
l
White
10.0
1)
500
MLBL-04W
1SFA611621R1045
10
Rated voltage 110-130 V DC
l
Red
10.0
620
250
MLBL-05R
1SFA611621R1051
10
l
Green
10.0
520
1500
MLBL-05G
1SFA611621R1052
10
l
Yellow
10.0
588
300
MLBL-05Y
1SFA611621R1053
10
l
White
10.0
1)
600
MLBL-05W
1SFA611621R1055
10
Rated voltage 230 V AC
l
Red
10.0
620
250
MLBL-07R
1SFA611621R1071
10
l
Green
10.0
520
1500
MLBL-07G
1SFA611621R1072
10
l
Yellow
10.0
588
300
MLBL-07Y
1SFA611621R1073
10
l
Blue
10.0
468
450
MLBL-07L
1SFA611621R1074
10
l
White
10.0
1)
600
MLBL-07W
1SFA611621R1075
10
Note: Care should be taken for DC supply where + and - must be correctly connected. This is marked X1 (+) and X2 (-) on the product.
1)
X=0.31, Y=0.32 according to the ICI Chromaticity diagram.
Description
Type
Order code
Pkg
qty
30 mm adaptors for 22 mm operator (1.5-4 mm panels)
For pushbuttons, selector switches, pilot lights, potentiometers and buzzers
Black plastic
KA1-8029
1SFA616920R8029
1
Chrome metal
KA1-8030
1SFA616920R8030
1
Mounting tool for operator
Mounting tool for tightening the locking nut
MA1-8015
1SFA611920R8015
1
Protective cover
Protective cover
KA1-8010
1SFA616920R8010
10
Note: For flush pushbutton to prevent accidental operation. Cannot be used together with Legend plate holder.
Shroud for emergency stop
Yellow
MA1-8053
1SFA611920R8053
10
Note: For 40 mm emergency stop pushbuttons. To prevent accidental operation. With anti rotation tabs and slot for pad-lock and with water drainage.
KA1-8029
KA1-8030
MA1-8015
MEPY1-0
KA1-8010
MEP2-0
MA1-8053
Enclosures
1 seat - dark grey / light grey
MEP1-0
1SFA611811R1000
1
2 seats - dark grey / light grey
MEP2-0
1SFA611812R1000
1
3 seats - dark grey / light grey
MEP3-0
1SFA611813R1000
1
4 seats - dark grey / light grey
MEP4-0
1SFA611814R1000
1
6 seats - dark grey / light grey
MEP6-0
1SFA611816R1000
1
1 seat - yellow / light grey
MEPY1-0
1SFA611821R1000
1
Accessories
For more pilot devices products
please see the complete catalog
1SFC151005C0201.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com