Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-P2 Datasheet(PDF) 2 Page - FCL COMPONENTS LIMITED

Part # FTR-P2
Description  SILENT TWIN RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

FTR-P2 Datasheet(HTML) 2 Page - FCL COMPONENTS LIMITED

  FTR-P2 Datasheet HTML 1Page - FCL COMPONENTS LIMITED FTR-P2 Datasheet HTML 2Page - FCL COMPONENTS LIMITED FTR-P2 Datasheet HTML 3Page - FCL COMPONENTS LIMITED FTR-P2 Datasheet HTML 4Page - FCL COMPONENTS LIMITED FTR-P2 Datasheet HTML 5Page - FCL COMPONENTS LIMITED FTR-P2 Datasheet HTML 6Page - FCL COMPONENTS LIMITED FTR-P2 Datasheet HTML 7Page - FCL COMPONENTS LIMITED FTR-P2 Datasheet HTML 8Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FTR-P2 Series
2
Item
FTR-P2
Contact
data
Configuration
1 form C x 2, H-Bridge
Material
Silver-tin oxide indium
Voltage drop
Max. 100mV at 1A, 12VDC
Contact rating
14VDC, 25A (motor locked)
Max. carrying current
25A/1 hour (25℃, nominal voltage applied to coil)
Max. switching voltage
16VDC (reference)
Max. switching current
35A (reference)
Min. switching load
6V, 1A (reference)
Coil
Operating temperature range
-40 ℃ to +85℃ (no frost)
Storage temperature range
40℃ to +100℃ (no frost)
Timing
data
Operate (at nominal voltage)
Max. 10 ms
Release (at nominal voltage)
Max. 5 ms (without diode), Max. 15ms (with diode)
Life
Mechanical
Min. 10 million operations
Electrical
Min. 100k operations (at contact rating)
Others
Vibration
resistance
Misoperation
10 to 200Hz, acceleration 44m/s2 (4.5G), constant acceleration
Endurance
10 to 200Hz, acceleration 44m/s2 (4.5G), constant acceleration
Shock resistance
Misoperation
100 m/s² (11±1ms
Endurance
1,000 m/s² (6±1ms)
Weight
Approximately 13 g
Average sound pressure
Approximately 50dB at 5cm
SPECIFICATIONS
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with actual load before
production since reference values may vary according to switching frequencies, environmental conditions and expected reliability
levels.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com