Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA5 Datasheet(PDF) 8 Page - TDK Electronics

Part # CGA5
Description  MULTILAYER CERAMIC CHIP CAPACITORS Automotive grade, mid voltage (100 to 630V)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA5 Datasheet(HTML) 8 Page - TDK Electronics

Back Button CGA5 Datasheet HTML 4Page - TDK Electronics CGA5 Datasheet HTML 5Page - TDK Electronics CGA5 Datasheet HTML 6Page - TDK Electronics CGA5 Datasheet HTML 7Page - TDK Electronics CGA5 Datasheet HTML 8Page - TDK Electronics CGA5 Datasheet HTML 9Page - TDK Electronics CGA5 Datasheet HTML 10Page - TDK Electronics CGA5 Datasheet HTML 11Page - TDK Electronics CGA5 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
20250224 / mlcc_automotive_midvoltage_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
(8/18)
MULTILAYER CERAMIC CHIP CAPACITORS
■Click the charts for details.
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
Capacitance range chart
CGA5/3216 [1206 inch]
Capacitance
C0G
X7R
X7S
X7T
(pF)
Code
2J
(630V)
2W
(450V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
2A
(100V)
2J
(630V)
2W
(450V)
2E
(250V)
100
101
120
121
150
151
180
181
220
221
270
271
330
331
390
391
470
471
560
561
680
681
820
821
1,000
102
1,200
122
1,500
152
1,800
182
2,200
222
2,700
272
3,300
332
3,900
392
4,700
472
5,600
562
6,800
682
8,200
822
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
Standard thickness
0.60 mm
0.85 mm
1.15 mm
1.30 mm
1.60 mm
Background gray: These products are not recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com