Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAPAW Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # JAPAW
Description  Junos Application Aware
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JAPAW Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  JAPAW Datasheet HTML 1Page - Juniper Networks, Inc. JAPAW Datasheet HTML 2Page - Juniper Networks, Inc. JAPAW Datasheet HTML 3Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
1
Product Overview
Profitably delivering advanced
broadband services to mobile
and residential customers
requires tight control over network
resources, even as services grow
in complexity. In order to make
sound network investments,
maintain regulatory compliance,
and streamline business
operations, service providers
need reliable information about
how the network is utilized and
what applications are being. To
meet this need, Junos Application
Aware extends the ability to
identify applications and take
specific actions on them with
award-winning Juniper Networks
MX Series 3D Universal Edge
Routers integration.
Product Description
As new technologies and new applications are developed, service providers are challenged
to maintain network control and avoid threats and vulnerabilities. Gaining detailed insight
into the applications in use on the network is critical for ensuring quality of service (QoS),
security, and planning processes that drive network upgrades and investments; however,
it can be very difficult to efficiently collect that information. Traditional routing elements
examine Layer 3 IP address information, and largely ignore Layer 4 through Layer 7 (L4-L7)
information that can identify an application based on a variety of criteria.
Juniper Networks helps service providers overcome these challenges by offering Junos®
Application Aware as a fully integrated optional feature on Juniper Networks® MX Series
3D Universal Edge Routers. Junos Application Aware is based on deep packet inspection
(DPI) functions that provide the stateful detection, identification, and analysis of
application-layer traffic (L4-L7) on a per subscriber, per session basis.
Junos Application Aware uses stateful monitoring to provide comprehensive details
of application-layer traffic patterns and statistics that service providers can use to
support revenue-generating mobile and residential broadband services. From a services
perspective, Junos Application Aware in combination with Junos Subscriber Aware and
Junos Policy Control can identify and enforce premium class services, ensure adherence
to service-level agreements, maintain subscriber fairness, and align network resources to
application requirements. Product managers can also use this information to design new
revenue-generating differentiated service offerings.
Architecture and Key Components
Junos Policy Control
When combined with Junos Application Aware and Junos Subscriber Aware, Junos Policy
Control provides dynamic policy and online charging capabilities. Junos Policy Control
enables a Gx Diameter interface towards the Policy Charging and Rules Function (PCRF)
following the Traffic Detection Function (TDF) model in Third-Generation Partnership
Project (3GPP) LTE networks.
Junos Application Aware
Junos Subscriber Aware identifies the subscriber’s association with a flow and classifies
traffic based on subscriber privilege, permitting differentiated services based on
subscriber policy:
• Dynamically redirects new flows to subscriber identification engine and checks
subscriber identity for a policy match
• Configures forwarding plane to forward, rate limit, mark, or drop packets associated
with flow based on policy
• Can be used with Junos Application Aware to correlate application usage with
subscriber identity
Junos Application Aware
Your ideas. Connected.™


Similar Part No. - JAPAW

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
JAP KEXIN-JAP Datasheet
40Kb / 2P
High-speed double diode
logo
M-System Co.,Ltd.
JAPD2 MSYSTEM-JAPD2 Datasheet
135Kb / 4P
Plug-in Signal Conditioners M-UNIT
JAPD2-0-M2 MSYSTEM-JAPD2-0-M2 Datasheet
135Kb / 4P
Plug-in Signal Conditioners M-UNIT
JAPD2-0-M2/Q MSYSTEM-JAPD2-0-M2/Q Datasheet
135Kb / 4P
Plug-in Signal Conditioners M-UNIT
JAPD2-0-P MSYSTEM-JAPD2-0-P Datasheet
135Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - JAPAW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W152 CYPRESS-W152 Datasheet
145Kb / 7P
Spread Aware?? Eight Output Zero Delay Buffer
June 14, 2000, rev. B
W163 CYPRESS-W163 Datasheet
89Kb / 4P
Spread Aware?? Zero Delay Buffer
February 21, 2000, rev
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
Spread Aware, Frequency Multiplier and Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
Spread Aware?? Zero Delay Buffer
CY23S02 CYPRESS-CY23S02_05 Datasheet
168Kb / 7P
Spread Aware?? Frequency Multiplier and Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
Low-Cost 3.3V Spread Aware??Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
Spread Aware?? Eight Output Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
Low Cost 3.3V Spread Aware Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
Spread Aware Ten/Eleven Output Zero Delay Buffer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com