Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSUB Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # JSUB
Description  Junos Subscriber Aware
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JSUB Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  JSUB Datasheet HTML 1Page - Juniper Networks, Inc. JSUB Datasheet HTML 2Page - Juniper Networks, Inc. JSUB Datasheet HTML 3Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Data Sheet
Junos Subscriber Aware
Juniper Networks MX Series 3D Universal
Edge Routers
The MX Series portfolio of Ethernet services routers is the industry
leader for carrier Ethernet capacity, density, and performance.
Optimized for emerging Ethernet network architectures and
services, the MX Series is purpose-built for the most demanding
carrier and enterprise applications, and it leverages Juniper
Networks Junos operating system to enable carriers and
enterprises to seamlessly and cost-effectively deploy Ethernet
and accelerate their next-generation network deployments. By
combining a best-in-class hardware platform with the reliability
and service flexibility of Junos OS, the MX Series delivers a
combination of features and capabilities previously unattainable
in carrier Ethernet deployments.
Multiservices Cards (MS-MPC)
MS-MPCs are next-generation, advanced service modules for the
MX Series. They deliver the performance, services, and scalability
that are critical to today’s advanced Ethernet services edge and
broadband edge networks. MS-MPCs are full slot modules that
supply hardware acceleration for an array of packet processing-
intensive services for the MX2020, MX2010, MX960, MX480, and
MX240 3D Universal Edge Routers.
In addition to supporting Junos Application Aware, Junos
Subscriber Aware, and Junos Policy Control, these cards offer
flexible support for stateful firewall, Network Address Translation
(NAT), IPsec, anomaly detection, flow monitoring and accounting,
and tunnel services. This wide array of services enables service
providers and enterprises to secure their network infrastructure;
collect rich statistics for billing, capacity planning, and security
purposes; and create new services, all with a single module.
Features and Benefits
Service Integration
Junos Subscriber Aware is integrated with a wide variety of Junos
OS software protocols and applications, such as Junos Policy
Control, Junos Application Aware, Junos Network Secure, Junos
VPN Secure, Junos Address Aware, and Junos Traffic Vision, to
name just a few. These Junos OS services can be layered to
create an enhanced, customized service experience; for example,
the tight coupling of Junos Subscriber Aware and Junos Address
Aware enables granular per subscriber application identification,
analysis, control, and reporting, as well as the invocation of
policy-based network modification (bandwidth, QoS) based on
the dynamically identified presence of an application/subscriber
combination. Tight integration with MPLS provides all of the
benefits of IP-layer awareness.
Integration with Juniper Networks SRC Series Session and
Resource Control Modules provides call admission control
(CAC) and traffic engineering based on true network awareness.
It permits the dynamic modification of system and network
resources in response to real-time changes in the application
mix, ensuring the quality of video and voice applications—even
as subscribers consume other services over the same physical
connection. Additionally, policies restricting subscribers or
applications to a maximum number of multicast groups or
maximum bandwidth can be created to protect downstream
facility bandwidth from oversubscription, while flow- and port-
based rate shaping policies can be enforced to deliver an assured
traffic rate that is independent of line or service speed.
Specifications and Approvals
For a complete list of supported software features, please
consult the Junos OS software documentation at www.juniper.
net/techpubs/software/.
Juniper Networks Services and Support
Juniper Networks is the leader in performance-enabling ser-
vices that are designed to accelerate, extend, and optimize your
high-performance network. Our services allow you to maximize
operational efficiency while reducing costs and minimizing
risk, achieving a faster time to value for your network. Juniper
Networks ensures operational excellence by optimizing the net-
work to maintain required levels of performance, reliability, and
availability. For more details, please visit www.juniper.net/us/en/
products-services.
Ordering Information
Model Number
Name
JSUB
Junos Subscriber Aware
JPC
Junos Policy Control
JAPAW
Junos Application Aware
MS-MPC-128G
MS-MPC with 128 GB of memory (32 GB
per NPU); occupies a single slot in MX2020,
MX2010, MX960, MX480, and MX240 3D
Universal Edge Routers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com