Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7569BLV Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7569BLV
Description  4 x 50 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7569BLV Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7569BLV Datasheet HTML 13Page - STMicroelectronics TDA7569BLV Datasheet HTML 14Page - STMicroelectronics TDA7569BLV Datasheet HTML 15Page - STMicroelectronics TDA7569BLV Datasheet HTML 16Page - STMicroelectronics TDA7569BLV Datasheet HTML 17Page - STMicroelectronics TDA7569BLV Datasheet HTML 18Page - STMicroelectronics TDA7569BLV Datasheet HTML 19Page - STMicroelectronics TDA7569BLV Datasheet HTML 20Page - STMicroelectronics TDA7569BLV Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DocID023498 Rev 9
17/41
TDA7569BLV
Diagnostics functional description
40
4
Diagnostics functional description
4.1
Turn-on diagnostic
It is strongly recommended to activate this function at turn on (standby out) through I2C bus
request. Detectable output faults are:
SHORT TO GND
SHORT TO Vs
SHORT ACROSS THE SPEAKER
OPEN SPEAKER
To verify if any of the above misconnections are in place, a subsonic (inaudible) current
pulse (Figure 23) is internally generated, sent through the speaker(s) and sunk back.The
Turn On diagnostic status is internally stored until a successive diagnostic pulse is
requested (after a I2C reading).
If the "standby out" and "diag. enable" commands are both given through a single
programming step, the pulse takes place first (during the pulse the power stage stays 'off',
showing high impedance at the outputs).
Afterwards, when the Amplifier is biased, the PERMANENT diagnostic takes place. The
previous Turn On state is kept until a short appears at the outputs.
Figure 23. Turn-on diagnostic: working principle
Figure 24 and 25 show SVR and OUTPUT waveforms at the turn-on (stand-by out) with and
without turn-on diagnostic.
Figure 24. SVR and output behavior (Case 1: without turn-on diagnostic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com