Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7575B Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 11Page - STMicroelectronics TDA7575B Datasheet HTML 12Page - STMicroelectronics TDA7575B Datasheet HTML 13Page - STMicroelectronics TDA7575B Datasheet HTML 14Page - STMicroelectronics TDA7575B Datasheet HTML 15Page - STMicroelectronics TDA7575B Datasheet HTML 16Page - STMicroelectronics TDA7575B Datasheet HTML 17Page - STMicroelectronics TDA7575B Datasheet HTML 18Page - STMicroelectronics TDA7575B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TDA7575B
Application circuits
Doc ID 14103 Rev 3
15/32
4
Application circuits
Figure 24.
Application circuit (TDA7575B)
Figure 25.
Application circuit (TDA7575BPD)
A
B
CLK
DATA
VCC
CD_OUT
VS
OUT1+
OUT1-
OUT2+
OUT2-
IN1+
C5
10
μF
S_GND
I2C BUS
ENABLE
PW_GND
TAB
ST-BY/HE
1
Ω SETTING
IN1-
IN2+
IN2-
D05AU1615
MUTE
C6
1
μF
R2 47K
Ω
8
20
19
15
11
12
2-26
1
17
10
9
18
22
24
6
4
C1 0.22
μF
C2 0.22
μF
C3 0.22
μF
C4 0.22
μF
25
3
14
13
7-21
16
I2C BUS
C8
2200
μF
V
R1 47K
Ω
C7
0.1
μF
A
B
CLK
DATA
VCC
CD_OUT
VS
OUT1+
OUT1-
OUT2+
OUT2-
IN1+
C5
10
μF
S_GND
I2C BUS
ENABLE
PW_GND
TAB
ST-BY/HE
1
Ω SETTING
IN1-
IN2+
IN2-
D05AU1616
MUTE
C6
1
μF
R2 47K
Ω
2
18
17
13
5
6
24-25-30-31
1
15
4
3
16
26-29
19-20
28-29
35-36
C1 0.22
μF
C2 0.22
μF
C3 0.22
μF
C4 0.22
μF
23
32
8
7
21-2-33-34
14
I2C BUS
C8
2200
μF
V
R1 47K
Ω
C7
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com