Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7850A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7850A
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7850A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7850A Datasheet HTML 1Page - STMicroelectronics TDA7850A Datasheet HTML 2Page - STMicroelectronics TDA7850A Datasheet HTML 3Page - STMicroelectronics TDA7850A Datasheet HTML 4Page - STMicroelectronics TDA7850A Datasheet HTML 5Page - STMicroelectronics TDA7850A Datasheet HTML 6Page - STMicroelectronics TDA7850A Datasheet HTML 7Page - STMicroelectronics TDA7850A Datasheet HTML 8Page - STMicroelectronics TDA7850A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
September 2013
Doc ID 13998 Rev 5
1/16
1
TDA7850A
4 x 50 W MOSFET quad bridge power amplifier
Datasheet
 production data
Features
■ High output power capability:
–4 x 50 W/4
 max.
–4 x 30 W/4
 @ 14.4 V, 1 kHz, 10 %
–4 x 80 W/2
 max.
–4 x 55 W/2
 @ 14.4 V, 1 kHz, 10 %
■ MOSFET output power stage
■ Excellent 2  driving capability
■ Hi-fi class distortion
■ Low output noise
■ Standby function
■ Mute function
■ Automute at min. supply voltage detection
■ Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
■ On board 0.35 A high side driver
■ Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump voltage
– Fortuitous open gnd
– Reversed battery
–ESD
Description
The TDA7850A is a breakthrough MOSFET
technology class AB audio power amplifier in
Flexiwatt27 package designed for high power car
radio. The fully complementary P-Channel/N-
Channel output structure allows a rail to rail
output voltage swing which, combined with high
output current and minimized saturation losses
sets new power references in the car-radio field,
with unparalleled distortion performances.
The TDA7850A integrates a DC offset detector.
Flexiwatt27
(Horizontal)
Flexiwatt27
(VertIcal)
Table 1.
Device summary
Order code
Package
Packing
TDA7850A
Flexiwatt27 (vertical)
Tube
TDA7850AH
Flexiwatt27 (horizontal
Tube
www.st.com


Similar Part No. - TDA7850A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850AH STMICROELECTRONICS-TDA7850AH Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
More results

Similar Description - TDA7850A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com