Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7801PDTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 35Page - STMicroelectronics TDA7801PDTR Datasheet HTML 36Page - STMicroelectronics TDA7801PDTR Datasheet HTML 37Page - STMicroelectronics TDA7801PDTR Datasheet HTML 38Page - STMicroelectronics TDA7801PDTR Datasheet HTML 39Page - STMicroelectronics TDA7801PDTR Datasheet HTML 40Page - STMicroelectronics TDA7801PDTR Datasheet HTML 41Page - STMicroelectronics TDA7801PDTR Datasheet HTML 42Page - STMicroelectronics TDA7801PDTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
DocID022674 Rev 4
39/48
TDA7801
I2C registers
9.6
DB0-Addr:"10000" - Channel 1 (left front)
Table 16. DB0-Addr:"10000" - Channel 1 (left front)
Bit
Instruction decoding bit
D7
Power on reset (POR)
0: After a POR the device is in tristate
1: The device has been put out of tristate at least one time after POR
D6
Start-up diagnostic status
0: Turn-On diag. cycle not activated or not terminated
1: Turn-On diag. cycle terminated
D5
Channel 1 offset detection
0: No output offset
1: Output offset detected
D4
Channel 1(1)
0: Permanent diagnostic cycle not activated or not terminated
1: Permanent diagnostic cycle terminated
1. The permanent diagnostic cycle is activated after each register reading if the permanent diagnostic is still
present, (IB0-d7="1").
D3
Channel 1
0: Normal load
1: Short load
D2
Channel 1
0: No open load
1: Open load detection
(only during turn-on diagnostic)
D1
Channel 1
0: No short to Vcc
1: Short to Vcc
D0
Channel 1
0: No short to GND
1: Short to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com