Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH3SP30-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNH3SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH3SP30-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNH3SP30-E Datasheet HTML 9Page - STMicroelectronics VNH3SP30-E Datasheet HTML 10Page - STMicroelectronics VNH3SP30-E Datasheet HTML 11Page - STMicroelectronics VNH3SP30-E Datasheet HTML 12Page - STMicroelectronics VNH3SP30-E Datasheet HTML 13Page - STMicroelectronics VNH3SP30-E Datasheet HTML 14Page - STMicroelectronics VNH3SP30-E Datasheet HTML 15Page - STMicroelectronics VNH3SP30-E Datasheet HTML 16Page - STMicroelectronics VNH3SP30-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID12688 Rev 9
13/33
VNH3SP30-E
Electrical specifications
33
Table 13. Electrical transient requirements (part 1)
ISO T/R - 7637/1
Test pulse
Test level
I
Test level
II
Test level
III
Test level
IV
Test level
delays and impedance
1
-25V
-50V
-75V
-100V
2ms, 10
2
+25V
+50V
+75V
+100V
0.2ms, 10
3a
-25V
-50V
-100V
-150V
0.1µs, 50
3b
+25V
+50V
+75V
+100V
4
-4V
-5V
-6V
-7V
100ms, 0.01
5
+26.5V
+46.5V
+66.5V
+86.5V
400ms, 2
Table 14. Electrical transient requirements (part 2)
ISO T/R - 7637/1
Test pulse
Test level results I
Test level results
II
Test level results
III
Test level results
IV
1
C
CCC
2
3a
3b
4
5(1)
1. For load dump exceeding the above value a centralized suppressor must be adopted
EEE
Table 15. Electrical transient requirements (part 3)
Class
Contents
C
All functions of the device are performed as designed after exposure to
disturbance.
E
One or more functions of the device are not performed as designed after
exposure to disturbance and cannot be returned to proper operation without
replacing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com