Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH5050ATR-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 12Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 14Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 15Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical specifications
VNH5050A-E
12/33
Doc ID 16009 Rev 11
ISD_LS
Shutdown LS current
30
50
70
A
VCLP
Total clamp voltage
(VCC to GND)
IOUT =8.5 A
41
46
52
V
VCLPH
High-side clamp voltage
(VCC to OUTA =0 or
OUTB =0)
IOUT =8.5 A
41
46
52
V
TSD_LS
Time to shutdown for the
low-side
10
µs
VCLPLS
Low-side clamp voltage
(OUTA =VCC or
OUTB =VCC to GND)
IOUT =8.5 A
25
28
31
V
TTSD
(1)
Thermal shutdown
temperature
VIN = 2.1 V
150
175
200
°C
TTR
(2)
Thermal reset temperature
135
°C
THYST
(2)
Thermal hysteresis
(TSD-TR)
16
°C
TTSD_LS
Low-side thermal
shutdown temperature
VIN = 0 V
150
175
200
°C
1.
TTSD is the minimum threshold temperature between HS and LS
2.
Valid for both HSD and LSD.
Table 12.
Current sense (9 V < VCC <18 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K1
IOUT/ISENSE
IOUT = 5 A; VSENSE =0.8 V;
VCSD =0 V;
Tj =- 40 °C to 150 °C
4350
5100
6270
K2
IOUT/ISENSE
IOUT =10A;
VSENSE =1.6 V; VCSD =0 V;
Tj =- 40 °C to 150 °C
4350
5030
5870
K3
IOUT/ISENSE
IOUT =25A; VSENSE =4 V;
VCSD =0 V;
Tj =- 40 °C to 150 °C
4100
4930
5490
dK1/K1
(1)
Analog sense current
drift
IOUT = 5 A; VSENSE =0.8 V;
VCSD =0 V;
Tj =- 40 °C to 150°C
-14
14
%
dK2/K2
(1)
Analog sense current
drift
IOUT = 10 A; VSENSE =1.6 V;
VCSD =0 V;
Tj =- 40 °C to 150°C
-13
13
%
dK3/K3
(1)
Analog sense current
drift
IOUT = 25 A; VSENSE =4 V;
VCSD =0 V;
Tj =- 40 °C to 150 °C
-13
13
%
Table 11.
Protections and diagnostics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com