Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7070AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNH7070AS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070AS Datasheet(HTML) 1 Page - STMicroelectronics

  VNH7070AS_V01 Datasheet HTML 1Page - STMicroelectronics VNH7070AS_V01 Datasheet HTML 2Page - STMicroelectronics VNH7070AS_V01 Datasheet HTML 3Page - STMicroelectronics VNH7070AS_V01 Datasheet HTML 4Page - STMicroelectronics VNH7070AS_V01 Datasheet HTML 5Page - STMicroelectronics VNH7070AS_V01 Datasheet HTML 6Page - STMicroelectronics VNH7070AS_V01 Datasheet HTML 7Page - STMicroelectronics VNH7070AS_V01 Datasheet HTML 8Page - STMicroelectronics VNH7070AS_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
May 2016
DocID028088 Rev 5
1/38
VNH7070AS
Automotive fully integrated H-bridge motor driver
Datasheet
- production data
Features
 Automotive qualified
 Output current: 15 A
 3 V CMOS-compatible inputs
 Undervoltage shutdown
 Overvoltage clamp
 Thermal shutdown
 Cross-conduction protection
 Current and power limitation
 Very low standby power consumption
 Protection against loss of ground and loss of
VCC
 PWM operation up to 20 kHz
 CS diagnostic functions
– Analog motor current feedback
– Output short to ground detection
– Thermal shutdown indication
– OFF-state open-load detection
– Output short to VCC detection
 Output protected against short to ground and
short to VCC
 Standby Mode
 Half Bridge Operation
 Package: ECOPACK®
Description
The device is a full bridge motor driver intended
for a wide range of automotive applications. The
device incorporates a dual monolithic high-side
driver and two low-side switches.
Both switches are designed using
STMicroelectronics’ well known and proven
proprietary VIPower® M0-7 technology that allows
to efficiently integrate on the same die a true
Power MOSFET with an intelligent
signal/protection circuitry. The three dies are
assembled in SO-16N package on electrically
isolated lead-frames.
Moreover, its fully symmetrical mechanical design
allows superior manufacturability at board level.
The input signals INA and INB can directly
interface the microcontroller to select the motor
direction and the brake condition. A SEL0 pin is
available to address the information available on
the CS to the microcontroller. The CS pin allows
to monitor the motor current by delivering a
current proportional to the motor current value.
The PWM, up to 20 kHz, allows to control the
speed of the motor in all possible conditions. In all
cases, a low level state on the PWM pin turns off
both the LSA and LSB switches.
Type
RDS(on)
Iout VCCmax
VNH7070AS
70 m
typ
per leg)
15 A
41 V
SO-16N
GAPGCFT00648
Table 1. Device summary
Package
Order codes
Tube
Tape and reel
SO-16N
—
VNH7070ASTR
www.st.com


Similar Part No. - VNH7070AS_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH7070ASTR STMICROELECTRONICS-VNH7070ASTR Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
15-Oct-2015
More results

Similar Description - VNH7070AS_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Rev. 1
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com