Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP24-RPS Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # RP24-RPS
Description  For Military and Industrial Deployed Power Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

RP24-RPS Datasheet(HTML) 1 Page - Elma Electronic Ltd

  RP24-RPS Datasheet HTML 1Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 2Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 3Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
www.elma.com
1/4
DESCRIPTION
Key Features and Benefits
Rugged design: Milled from high-grade aluminum,
withstands drops from 1.5m, IP67 rated
Wide input range: 115/230VAC input with
reinforced Class II isolation
Versatile DC capability: 24VDC input/output, battery
charging, and UPS functionality
Modular and scalable: Up to 5 RP24 units (4.5kW)
and 10 RA24 modules in parallel
High reliability: Triple redundant AC/DC converters in
RP24
Operational at altitude: Functions up to 3,500m,
transportable to 5,500m
Extreme temperature range: -35°C to +60°C operation
Advanced monitoring: Built-in display and remote
monitoring via SNMPv3
Long life: 110,000 hour MTBF (RP24)
Military-grade EMC performance: Meets MIL-STD-
461G standards
Quick charging: RA24 charges in 4-10 hours
The RP24 Rugged Power Supply and RA24 Battery
Module form a robust, versatile power solution designed
for demanding military and industrial applications. The
RP24 delivers 1000W of reliable AC/DC power in a
compact, ruggedized package, while the RA24 provides
50Ah of backup battery capacity. Together, they create
a portable, uninterruptible power system capable of
operating in harsh environments and at high altitudes.
Datasheet-RP24-RuggedPSU-&-RA24-Battery-Module-10.01.24
RP24 Rugged Power Supply & RA24 Battery Module
For Military and Industrial Deployed Power Applications
Key Applications and Use Cases
Field deployed military radios and communications
equipment
Mobile command and control centers
Auxiliary power for air and ground vehicles
Portable power for first responders and civil defense
Remote industrial sites and mining operations
Backup power for critical infrastructure
Unmanned vehicle power systems
High-reliability portable power for harsh environments
Rugged Battery Module
Rugged Power Supply


Similar Part No. - RP24-RPS

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP240H-11005SRW RECOM-RP240H-11005SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP240H-11012SRW RECOM-RP240H-11012SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP240H-11015SRW RECOM-RP240H-11015SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP240H-11024SRW RECOM-RP240H-11024SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP240H-11048SRW RECOM-RP240H-11048SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
More results

Similar Description - RP24-RPS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
November 2000
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
May 2001
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
May 2001
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com