Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DALC208 Datasheet(PDF) 10 Page - STMicroelectronics

Part # DALC208
Description  LOW CAPACITANCE DIODE ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button DALC208 Datasheet HTML 2Page - STMicroelectronics DALC208 Datasheet HTML 3Page - STMicroelectronics DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics DALC208 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGE MECHANICAL DATA
SOT23-6L (Plastic)
A2
A
A1
L
c
E
b
H
D
e
e
M
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0
0.15
0
0.006
A2
0.90
1.30
0.035
0.0512
b
0.35
0.50 0.0137
0.02
C
0.09
0.20
0.004
0.008
D
2.80
3.00
0.11
0.118
E
1.50
1.75
0.059
0.0689
e
0.95
0.0374
H
2.60
3.00
0.102
0.118
L
0.10
0.60
0.004
0.024
M
10°
10°
mm
inch
0.65
0.025
0.95
0.037
FOOTPRINT DIMENSIONS (in millimeters)
Type
Marking
Order Code
Packaging (Base Qty)
DALC208SC6
DALC
DALC208SC6
tape & reel (3000)
MARKING
DALC208SC6
10/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com