Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT00 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ACT00
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT00 Datasheet(HTML) 2 Page - Silicon Supplies

  74ACT00_V02 Datasheet HTML 1Page - Silicon Supplies 74ACT00_V02 Datasheet HTML 2Page - Silicon Supplies 74ACT00_V02 Datasheet HTML 3Page - Silicon Supplies 74ACT00_V02 Datasheet HTML 4Page - Silicon Supplies 74ACT00_V02 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
d
Advanced CMOS TTL Input – 74ACT00
Rev 2.0
23/09/25
Pad Layout and Functions
Logic Diagram
530µm (20.87 mils)
PAD
FUNCTION
COORDINATES (µm)
X
Y
1
1A
-167
-116
2
1B
-165
-232
3
1Y
-55
-232
4
2A
55
-232
5
2B
165
-232
6
2Y
167
-116
7
GND
168
0
8
3Y
167
116
9
3A
165
232
10
3B
55
232
11
4Y
-55
232
12
4A
-165
232
13
4B
-167
116
14
VCC
-168
0
CONNECT CHIP BACK TO VCC OR FLOAT
11
12
10
9
8
7
6
5
4
3
2
14
13
1
0,0
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
1A
1B
2A
2B
3A
3B
4A
4B
1
2
4
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y
Pad 14 = VCC
Pad 7 = GND
Function Table



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com