Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83867CS Datasheet(PDF) 41 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 41 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 37Page - Texas Instruments DP83867CS Datasheet HTML 38Page - Texas Instruments DP83867CS Datasheet HTML 39Page - Texas Instruments DP83867CS Datasheet HTML 40Page - Texas Instruments DP83867CS Datasheet HTML 41Page - Texas Instruments DP83867CS Datasheet HTML 42Page - Texas Instruments DP83867CS Datasheet HTML 43Page - Texas Instruments DP83867CS Datasheet HTML 44Page - Texas Instruments DP83867CS Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 129 page
background image
Table 7-9. RGMII Receive Clock Skew Details
MODE
RGMII CLOCK SKEW
RX[2]
RGMII CLOCK SKEW
RX[1]
RGMII CLOCK SKEW
RX[0]
RGMII RX CLOCK SKEW
1
0
0
0
2.0ns
2
0
0
1
1.5ns
3
0
1
0
1.0ns
4
0
1
1
0.5ns
5
1
0
0
0ns
6
1
0
1
3.5ns
7
1
1
0
3.0ns
8
1
1
1
2.5ns
7.5.2 LED Configuration
The DP83867 supports four configurable Light Emitting Diode (LED) pins: LED_0, LED_1, and LED_2. A GPIO
pin can also be configured to operate as LED_3. Several functions can be multiplexed onto the LEDs for
different modes of operation. The LED operation mode can be selected using the LEDCR1 register (address
0x0018).
Because the LED output pins are also used as straps, the external components required for strapping and
LED usage must be considered to avoid contention. Specifically, when the LED outputs are used to drive LEDs
directly, the active state of each output driver is dependent on the logic level sampled by the corresponding AN
input upon power up or reset.
If a given strap input is resistively pulled low then the corresponding output is configured as an active high
driver. In the context of the 4-level straps, this occurs for modes 1, 2, and 3. Conversely, if a given strap input is
resistively pulled high, then the corresponding output is configured as an active low driver. In the context of the
4-level straps, this occurs only for mode 4.
Refer to Figure 7-11 for an example of strap connections to external components. In this example, the strapping
results in Mode 1 for LED_0 and Mode 4 for LED_1.
The adaptive nature of the LED outputs helps to simplify potential implementation issues of these dual purpose
pins.
VDD
470Ÿ
470Ÿ
GND
Mode 4
Mode 1
Figure 7-11. Example Strap Connections
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com