Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV120APWR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV120APWR.B
Description  DRV120 Single-Channel Relay, Solenoid, Valve Low-Side Driver With Current Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV120APWR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV120APWR.B Datasheet HTML 3Page - Texas Instruments DRV120APWR.B Datasheet HTML 4Page - Texas Instruments DRV120APWR.B Datasheet HTML 5Page - Texas Instruments DRV120APWR.B Datasheet HTML 6Page - Texas Instruments DRV120APWR.B Datasheet HTML 7Page - Texas Instruments DRV120APWR.B Datasheet HTML 8Page - Texas Instruments DRV120APWR.B Datasheet HTML 9Page - Texas Instruments DRV120APWR.B Datasheet HTML 10Page - Texas Instruments DRV120APWR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
R
OSC
V
S
OSC
VIN
<STATUS>
1
75 mV
V
PEAK
V
HOLD
V
REF
PWM
CLK
D
1
L
S
V
S
OUT
LDO
UVLO
500 kW
EN
1 uA
REF
PWM
Control
Thermal
Shutdown
OSC
1Available only in the 14-pin package
7
DRV120
www.ti.com
SLVSBG3C – JUNE 2012 – REVISED JUNE 2016
Product Folder Links: DRV120
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DRV120 device provides a PWM current converter for use with solenoids. The device provides a quick ramp
to a high peak current value in order to ensure opening of the valve or relay. The peak current is held for a
programmable time and then released to a lower value to maintain the open state of the valve or relay while
reducing the total current consumption. Peak current duration, peak current amount, hold current amount (in the
14-pin package), and PWM frequency can all be controlled by external components or used at default levels by
omitting these components (except peak current duration). Enable and disable of the switch is controlled by the
EN pin which has an internal pullup to VIN. The DRV120 also features a wide VIN range from 6 V to 28 V. Finally,
the 14-pin package features an open-drain pulldown path on the STATUS pin which is enabled as long as
undervoltage lockout or thermal shutdown has not triggered.
7.2 Functional Block Diagram
7.3 Feature Description
The DRV120 controls the current through the solenoid as shown in Figure 2. Activation starts when EN pin
voltage is pulled high either by an external driver or internal pullup. In the beginning of activation, DRV120 allows
the load current to ramp up to the peak value IPEAK and it regulates it at the peak value for the time, tKEEP, before
reducing it to IHOLD. The load current is regulated at the hold value as long as the EN pin is kept high. The initial
current ramp-up time depends on the inductance and resistance of the solenoid. Once EN pin is driven to GND,
DRV120 allows the solenoid current to decay to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com