Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV591VFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV591VFPR
Description  3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV591VFPR Datasheet(HTML) 3 Page - Texas Instruments

  DRV591VFPR Datasheet HTML 1Page - Texas Instruments DRV591VFPR Datasheet HTML 2Page - Texas Instruments DRV591VFPR Datasheet HTML 3Page - Texas Instruments DRV591VFPR Datasheet HTML 4Page - Texas Instruments DRV591VFPR Datasheet HTML 5Page - Texas Instruments DRV591VFPR Datasheet HTML 6Page - Texas Instruments DRV591VFPR Datasheet HTML 7Page - Texas Instruments DRV591VFPR Datasheet HTML 8Page - Texas Instruments DRV591VFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DRV591
SLOS389A – NOVEMBER 2001– REVISED MAY 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
VI = VDD/2,
IO = 0 A
14
100
mV
|IIH|
High-level input current
VDD = 5.5V,
VI = VDD
1
µA
|IIL|
Low-level input current
VDD = 5.5V,
VI = 0 V
1
µA
Vn
Integrated output noise voltage
f = <1 Hz to 10 kHz
40
µV
VICM
Common mode voltage range
VDD = 5 V
1.2
3.8
V
VICM
Common-mode voltage range
VDD = 3.3 V
1.2
2.1
V
Av
Closed-loop voltage gain
2.1
2.34
2.6
V/V
Full power bandwidth
60
kHz
VO
Voltage output (measured differentially)
IO = ±1 A, rds(on) = 65 mΩ, VDD = 5 V
4.87
V
VO
Voltage output (measured differentially)
IO = ±3 A, rds(on) = 65 mΩ, VDD = 5 V
4.61
V
VDD = 5 V, IO = 4 A,
High side
25
60
95
m
Ω
rDS( )
Drain source on state resistance
VDD = 5 V, IO = 4 A,
TA = 25°C
Low side
25
65
95
m
Ω
rDS(on)
Drain-source on-state resistance
VDD = 3.3 V, IO = 4 A,
High side
25
80
140
m
Ω
VDD = 3.3 V, IO = 4 A,
TA = 25°C
Low side
25
90
140
m
Ω
Maximum continuous current output
3
A
Status flag output pins (FAULT0, FAULT1)
Fault active (open drain output)
Sinking 200
µA
0.1
V
External clock frequency range
For 500 kHz operation
225
250
275
kHz
External clock frequency range
For 100 kHz operation
45
50
55
kHz
I
Quiescent current
VDD = 5 V, No load or filter
2
6.2
12
mA
Iq
Quiescent current
VDD = 3.3 V, No load or filter
2
4.6
8
mA
Iq(SD)
Quiescent current in shutdown mode
VDD = 5 V, SHUTDOWN = 0.8 V
0
0.1
50
µA
Output resistance in shutdown
SHUTDOWN = 0.8 V
2
k
Ω
Power-on threshold
1.7
2.8
V
Power-off threshold
1.6
2.6
V
Thermal trip point
FAULT0 active
130
°C
ZI
Input impedance (IN+, IN–)
100
k
Ω
PIN ASSIGNMENTS
VFP PACKAGE
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
OUT+
PGND
PGND
PGND
PGND
PGND
PGND
OUT–
AVDD
AGND
ROSC
COSC
AREF
IN+
IN–
SHUTDOWN
32
26
11 12 13 14 15 16
25
PowerPAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com