Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8256EPWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8256EPWPR
Description  DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8256EPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8256EPWPR Datasheet HTML 3Page - Texas Instruments DRV8256EPWPR Datasheet HTML 4Page - Texas Instruments DRV8256EPWPR Datasheet HTML 5Page - Texas Instruments DRV8256EPWPR Datasheet HTML 6Page - Texas Instruments DRV8256EPWPR Datasheet HTML 7Page - Texas Instruments DRV8256EPWPR Datasheet HTML 8Page - Texas Instruments DRV8256EPWPR Datasheet HTML 9Page - Texas Instruments DRV8256EPWPR Datasheet HTML 10Page - Texas Instruments DRV8256EPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VVM
Supply voltage range for normal (DC) operation
4.5
48
V
VI
Logic level input voltage
0
5.5
V
VREF
Reference rms voltage range (VREF)
0.05
5
V
ƒPWM
Applied PWM signal (PH, EN, IN1, IN2)
0
100
kHz
IFS
Peak output current
0
6.4
A
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C
6.4 Thermal Information
THERMAL METRIC
PWP (HTSSOP)
RGE (VQFN)
UNIT
28 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
29.7
39.0
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
23.0
28.9
°C/W
RθJB
Junction-to-board thermal resistance
9.3
16.0
°C/W
ψJT
Junction-to-top characterization parameter
0.3
0.4
°C/W
ψJB
Junction-to-board characterization parameter
9.2
15.9
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
2.4
3.4
°C/W
www.ti.com
DRV8256E, DRV8256P
SLOSE50A – APRIL 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DRV8256E DRV8256P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com