Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV593VFPR Datasheet(PDF) 18 Page - Texas Instruments

Part # DRV593VFPR
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593VFPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 14Page - Texas Instruments DRV593VFPR Datasheet HTML 15Page - Texas Instruments DRV593VFPR Datasheet HTML 16Page - Texas Instruments DRV593VFPR Datasheet HTML 17Page - Texas Instruments DRV593VFPR Datasheet HTML 18Page - Texas Instruments DRV593VFPR Datasheet HTML 19Page - Texas Instruments DRV593VFPR Datasheet HTML 20Page - Texas Instruments DRV593VFPR Datasheet HTML 21Page - Texas Instruments DRV593VFPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
T
A +
T
J *
θ
JA
P
DISS
DRV593
DRV594
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
www.ti.com
(12)
PRINTED-CIRCUIT BOARD (PCB) LAYOUT CONSIDERATIONS
Since the DRV593 and DRV594 are high-current switching devices, a few guidelines for the layout of the
printed-circuit board (PCB) must be considered:
1. Grounding. Analog ground (AGND) and power ground (PGND) must be kept separated, ideally back to
where the power supply physically connects to the PCB, minimally back to the bulk decoupling capacitor (10
µF ceramic minimum). Furthermore, the PowerPAD ground connection should be made to AGND, not
PGND. Ground planes are not recommended for AGND or PGND, traces should be used to route the
currents. Wide traces (100 mils) should be used for PGND while narrow traces (15 mils) should be used for
AGND.
2. Power supply decoupling. A small 0.1 mF to 1 mF ceramic capacitor should be placed as close to each set
of PVDD pins as possible, connecting from PVDD to PGND. A 0.1 mF to 1 mF ceramic capacitor should also
be placed close to the AVDD pin, connecting from AVDD to AGND. A bulk decoupling capacitor of at least
10 mF, preferably ceramic, should be placed close to the DRV593 or DRV594, from PVDD to PGND. If power
supply lines are long, additional decoupling may be required.
3. Power and output traces. The power and output traces should be sized to handle the desired maximum
output current. The output traces should be kept as short as possible to reduce EMI, i.e., the output filter
should be placed as close to the DRV593 or DRV594 outputs as possible.
4. PowerPAD. The DRV593 and DRV594 in the Quad Flatpack package use TI's PowerPAD technology to
enhance the thermal performance. The PowerPAD is physically connected to the substrate of the DRV593
and DRV594 silicon, which is connected to AGND. The PowerPAD ground connection should therefore be
kept separate from PGND as described above. The pad underneath the AGND pin may be connected
underneath the device to the PowerPAD ground connection for ease of routing. For additional information on
PowerPAD PCB layout, refer to the PowerPAD Thermally Enhanced Package application note, (SLMA002).
5. Thermal performance. For proper thermal performance, the PowerPAD must be soldered down to a thermal
land, as described in the PowerPAD Thermally Enhanced Package application note, (SLMA002). In addition,
at high current levels (greater than 2 A) or high ambient temperatures (greater than 25°C), an internal plane
may be used for heat sinking. The vias under the PowerPAD should make a solid connection, and the plane
should not be tied to ground except through the PowerPAD connection, as described above.
18
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com