| Electronic Components Datasheet Search |
|
280621 Datasheet(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
280621 Datasheet(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 4 page ![]() 114-20040 Rev.A3 2 of 4 3. CRIMP AND DIMENSIONAL REQUIREMENTS 3.1 Wire preparation A. Strip Length Insulation shall be stripped as indicated in Figure 5. B. Workmanship Reasonable care shall be taken not to nick, scrape or cut any strands or the solid wire during the stripping operation 3.2 Carrier cutoff tab and burr A. Cutoff tab Cutoff tab shall not exceed .010 B. Burr Burr on cutoff tab shall not exceed .003 3.3 Wire barrel crimp A. Crimp dimensions and type Crimp height, width and type shall be as shown in Figure 5. B. Effective crimp length Effective crimp length shall be .090 minimum, and is defined as that portion of the barrel, excluding bellmouth, fully formed by the crimping tool. C. Wire barrel flash Wire barrel flash shall not exceed .008 as shown in Figure 2. FIGURE 2 D. Wire barrel seam Wire barrel seam shall be completely closed and there shall be no evidence of loose wire strands or wire strands visible in the seam. E. Bellmouth Rear bellmouth length shall be .006 min. F. Conductor location 1. End of the wire shall be flush with the front end of the wire barrel or extend .032 maximum after crimping 2. Both insulation and conductor shall be visible between the insulation barrel and wire barrel. Care shall be taken not to allow insulation to be crimped in the wire barrel. .008 Max |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |