Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA149 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA149 Datasheet(HTML) 2 Page - Texas Instruments

  INA149 Datasheet HTML 1Page - Texas Instruments INA149 Datasheet HTML 2Page - Texas Instruments INA149 Datasheet HTML 3Page - Texas Instruments INA149 Datasheet HTML 4Page - Texas Instruments INA149 Datasheet HTML 5Page - Texas Instruments INA149 Datasheet HTML 6Page - Texas Instruments INA149 Datasheet HTML 7Page - Texas Instruments INA149 Datasheet HTML 8Page - Texas Instruments INA149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
INA149
SBOS579B – SEPTEMBER 2011 – REVISED JULY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
INA149
SOIC-8
D
INA149A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
INA149
UNIT
Supply voltage
(V+) – (V–)
40
V
Input voltage range
Continuous
300
V
Common-mode and differential, 10 s
500
V
Maximum Voltage on REFA and REFB
(V–) – 0.3 to (V+) + 0.3
V
Input current on any input pin(2)
10
mA
Output short-circuit current duration
Indefinite
Operating temperature range
–55 to +150
°C
Storage temperature range
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
1500
V
ESD rating
Charged device model (CDM)
1000
V
Machine model (MM)
100
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
REFA and REFB are diode clamped to the power-supply rails. Signals applied to these pins that can swing more than 0.3 V beyond the
supply rails should be limited to 10 mA or less.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com