Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2126EA/2K5 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA2126EA/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2126EA/2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA2126EA/2K5 Datasheet HTML 7Page - Texas Instruments INA2126EA/2K5 Datasheet HTML 8Page - Texas Instruments INA2126EA/2K5 Datasheet HTML 9Page - Texas Instruments INA2126EA/2K5 Datasheet HTML 10Page - Texas Instruments INA2126EA/2K5 Datasheet HTML 11Page - Texas Instruments INA2126EA/2K5 Datasheet HTML 12Page - Texas Instruments INA2126EA/2K5 Datasheet HTML 13Page - Texas Instruments INA2126EA/2K5 Datasheet HTML 14Page - Texas Instruments INA2126EA/2K5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V (unless otherwise noted)
Output Current (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
12.5
-15
13
-14.5
13.5
-14
14
-13.5
14.5
-13
15
-12.5
Sourcing, Unit 1
Sourcing, Unit 2
Sinking, Unit 1
Sinking, Unit 2
Figure 6-13. Output Voltage Swing vs Output Current
Time ( s)
0
40
80
120
160
200
240
280
-40
-30
-20
-10
0
10
20
30
40
G = 5
Figure 6-14. Small-Signal Response
Time ( s)
0
40
80
120
160
200
240
280
-40
-30
-20
-10
0
10
20
30
40
G = 100
Figure 6-15. Small-Signal Response
Time ( s)
0
40
80
120
160
200
240
280
-15
-10
-5
0
5
10
15
G = 5
Figure 6-16. Large-Signal Response
Time (1 s/div)
-1
-0.5
0
0.5
1
Figure 6-17. 0.1-Hz to 10-Hz Voltage Noise
160
150
140
130
120
110
100
90
80
70
60
Frequency (Hz)
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
Measurement limited
by amplifier or
measurement noise.
R
L = 25kΩ
Figure 6-18. Channel Separation vs Frequency, RTI
(Dual Version)
www.ti.com
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com