Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA188IDRG4 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA188IDRG4
Description  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA188IDRG4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA188IDRG4 Datasheet HTML 24Page - Texas Instruments INA188IDRG4 Datasheet HTML 25Page - Texas Instruments INA188IDRG4 Datasheet HTML 26Page - Texas Instruments INA188IDRG4 Datasheet HTML 27Page - Texas Instruments INA188IDRG4 Datasheet HTML 28Page - Texas Instruments INA188IDRG4 Datasheet HTML 29Page - Texas Instruments INA188IDRG4 Datasheet HTML 30Page - Texas Instruments INA188IDRG4 Datasheet HTML 31Page - Texas Instruments INA188IDRG4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Input (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D001
28
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Application (continued)
8.2.2 Detailed Design Procedure
The following steps must be applied for proper device functionality:
•
For a 4-mA to 20-mA input, the maximum burden of 0.4 V must have a burden resistor equal to 0.4 / 0.02 =
20
Ω.
•
To center the output within the 0-V to 5-V range, VREF must equal 2.5 V.
•
To keep the ±20-mA input linear within 0 V to 5 V, the gain resistor (RG) must be 12.4 kΩ.
•
To keep the ±10-V input within the 0-V to 5-V range, attenuation must be greater than 0.05.
•
A 100-k
Ω resistor in series with a 4.87-kΩ resistor provides 0.0466 attenuation of ±10 V, well within the ±2.5-
V linear limits.
8.2.3 Application Curve
Figure 56. Plot of PLC Input Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com