Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA188IDRJR Datasheet(PDF) 21 Page - Texas Instruments

Part # INA188IDRJR
Description  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA188IDRJR Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA188IDRJR Datasheet HTML 17Page - Texas Instruments INA188IDRJR Datasheet HTML 18Page - Texas Instruments INA188IDRJR Datasheet HTML 19Page - Texas Instruments INA188IDRJR Datasheet HTML 20Page - Texas Instruments INA188IDRJR Datasheet HTML 21Page - Texas Instruments INA188IDRJR Datasheet HTML 22Page - Texas Instruments INA188IDRJR Datasheet HTML 23Page - Texas Instruments INA188IDRJR Datasheet HTML 24Page - Texas Instruments INA188IDRJR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
INA188
www.ti.com
SBOS632 – SEPTEMBER 2015
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
7.3.5 Input Protection and Electrical Overstress
Designers often ask questions about the capability of an amplifier to withstand electrical overstress. These
questions tend to focus on the device inputs, but can involve the supply voltage pins or even the output pin. Each
of these different pin functions have electrical stress limits determined by the voltage breakdown characteristics
of the particular semiconductor fabrication process and specific circuits connected to the pin. Additionally, internal
ESD protection is built into these circuits to protect them from accidental ESD events both before and during
product assembly.
Having a good understanding of this basic ESD circuitry and its relevance to an electrical overstress event is
helpful. The Functional Block Diagram section illustrates the ESD circuits contained in the INA188. The ESD
protection circuitry involves several current-steering diodes connected from the input and output pins and routed
back to the internal power-supply lines. This protection circuitry is intended to remain inactive during normal
circuit operation.
The input pins of the INA188 are protected with internal diodes connected to the power-supply rails. These
diodes clamp the applied signal to prevent the input circuitry from being damaged. If the input signal voltage can
exceed the power supplies by more than 0.3 V, limit the input signal current to less than 10 mA to protect the
internal clamp diodes. This current limiting can generally be done with a series input resistor. Some signal
sources are inherently current-limited and do not require limiting resistors.
7.3.6 Input Common-Mode Range
The linear input voltage range of the INA188 input circuitry extends from 100 mV inside the negative supply
voltage to 1.5 V below the positive supply, and maintains 84-dB (minimum) common-mode rejection throughout
this range. The common-mode range for most common operating conditions is best calculated using the INA
common-mode range calculating tool. The INA188 can operate over a wide range of power supplies and VREF
configurations, thus providing a comprehensive guide to common-mode range limits for all possible conditions is
impractical.
The most commonly overlooked overload condition occurs when a circuit exceeds the output swing of A1 and A2,
which are internal circuit nodes that cannot be measured. Calculating the expected voltages at the output of A1
and A2 (see the Functional Block Diagram section) provides a check for the most common overload conditions.
The designs of A1 and A2 are identical and the outputs can swing to within approximately 250 mV of the power-
supply rails. For example, when the A2 output is saturated, A1 can continue to be in linear operation, responding
to changes in the noninverting input voltage. This difference can give the appearance of linear operation but the
output voltage is invalid.
7.4 Device Functional Modes
7.4.1 Single-Supply Operation
The INA188 can be used on single power supplies of 4 V to 36 V. Use the output REF pin to level shift the
internal output voltage into a linear operating condition. Ideally, connecting the REF pin to a potential that is mid-
supply avoids saturating the output of the input amplifiers (A1 and A2). Actual output voltage swing is limited to
250 mV above ground when the load is referred to ground. The typical characteristic curves, Output Voltage
Swing vs Output Current (Figure 19 to Figure 22) illustrates how the output voltage swing varies with output
current. See the Driving the Reference Pin section for information on how to adequately drive the reference pin.
With single-supply operation, VIN+ and VIN– must both be 0.1 V above ground for linear operation. For instance,
the inverting input cannot be connected to ground to measure a voltage connected to the noninverting input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com