Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA128U/2K5 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA128U/2K5
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128U/2K5 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA128U/2K5 Datasheet HTML 10Page - Texas Instruments INA128U/2K5 Datasheet HTML 11Page - Texas Instruments INA128U/2K5 Datasheet HTML 12Page - Texas Instruments INA128U/2K5 Datasheet HTML 13Page - Texas Instruments INA128U/2K5 Datasheet HTML 14Page - Texas Instruments INA128U/2K5 Datasheet HTML 15Page - Texas Instruments INA128U/2K5 Datasheet HTML 16Page - Texas Instruments INA128U/2K5 Datasheet HTML 17Page - Texas Instruments INA128U/2K5 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The INA12x measure a small differential voltage with a high common-mode voltage developed between
the noninverting and inverting input. The high input-voltage protection circuit in conjunction with high input
impedance make the INA12x an excellent choice for a wide range of applications. The ability to set the
reference pin to adjust the functionality of the output signal offers additional flexibility that is practical for multiple
configurations.
9.1.1 Input Common-Mode Range
The linear input voltage range of the INA12x input circuitry ranges from approximately 2 V less than the positive
supply voltage to 2 V greater than the negative supply. A differential input voltage causes the output voltage to
increase; however, the linear input range is limited by the output voltage swing of amplifiers A1 and A2. Thus,
the linear common-mode input range is related to the output voltage of the complete amplifier. This behavior also
depends on the supply voltage (see Figure 7-6).
Input overload can produce an output voltage that appears normal. For example, if an input-overload condition
drives both input amplifiers to their positive output swing limit, the difference voltage measured by the output
amplifier is near zero. The output of A3 is near 0 V even though both inputs are overloaded.
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com