Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA128UA/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA128UA/2K5
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128UA/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  INA128UA/2K5 Datasheet HTML 1Page - Texas Instruments INA128UA/2K5 Datasheet HTML 2Page - Texas Instruments INA128UA/2K5 Datasheet HTML 3Page - Texas Instruments INA128UA/2K5 Datasheet HTML 4Page - Texas Instruments INA128UA/2K5 Datasheet HTML 5Page - Texas Instruments INA128UA/2K5 Datasheet HTML 6Page - Texas Instruments INA128UA/2K5 Datasheet HTML 7Page - Texas Instruments INA128UA/2K5 Datasheet HTML 8Page - Texas Instruments INA128UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................4
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings .............................................................. 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics.............................................6
7.6 Typical Characteristics................................................ 8
8 Detailed Description......................................................12
8.1 Overview................................................................... 12
8.2 Functional Block Diagram......................................... 12
8.3 Feature Description...................................................13
8.4 Device Functional Modes..........................................13
9 Application and Implementation.................................. 14
9.1 Application Information............................................. 14
9.2 Typical Application.................................................... 15
9.3 System Examples..................................................... 19
10 Power Supply Recommendations..............................21
10.1 Low-Voltage Operation........................................... 21
11 Layout........................................................................... 21
11.1 Layout Guidelines................................................... 21
11.2 Layout Example...................................................... 21
12 Device and Documentation Support..........................22
12.1 Device Support....................................................... 22
12.2 Documentation Support.......................................... 22
12.3 Receiving Notification of Documentation Updates..22
12.4 Support Resources................................................. 22
12.5 Trademarks.............................................................22
12.6 Electrostatic Discharge Caution..............................23
12.7 Glossary..................................................................23
13 Mechanical, Packaging, and Orderable
Information.................................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2019) to Revision F (May 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added bandwidth and noise specifications in Features .....................................................................................1
• Changed Applications to link to latest end-equipment solutions on ti.com......................................................... 1
• Changed reference from INA819 to INA818 in Device Comparison Table ........................................................ 4
• Added single supply specification to Absolute Maximum Ratings ..................................................................... 5
• Added note clarifying output short-circuit "to ground" in Absolute Maximum Ratings refers to short-circuit to
VS / 2...................................................................................................................................................................5
• Added single supply specification to Recommended Operating Conditions ......................................................5
• Changed input common-mode voltage range specification from V – 2 to (V–) + 2 in Recommended Operating
Conditions ..........................................................................................................................................................5
• Deleted INA128-HT and INA129-HT operating temperature specifications from Recommended Operating
Conditions ..........................................................................................................................................................5
• Added specified temperature range to Recommended Operating Conditions .................................................. 5
• Added VREF = 0 V, VCM = VS / 2, and G = 1 to "unless otherwise noted" conditions in Electrical
Characteristics and Typical Characteristics for clarity.........................................................................................6
• Changed test condition for offset voltage drift specification in Electrical Characteristics from "TA = TMIN
to TMAX" to "TA = –40°C to +85°C" for clarity...................................................................................................... 6
• Changed typical long-term stability specification from ±0.1±3/G µV/mo to ±0.2±3/G µV/mo in Electrical
Characteristics ................................................................................................................................................... 6
• Changed common-mode voltage specification from (V–) + 2 V minimum and (V+) – 2 V minimum across two
rows to (V– ) + 2 V minimum and (V+) – 2 V maximum across one row in Electrical Characteristics ...............6
• Deleted typical common-mode voltage specifications in Electrical Characteristics ..........................................6
• Added test condition of "RS = 0 Ω" to safe input voltage specification in Electrical Characteristics for clarity....6
• Added test condition of "TA = –40°C to +85°C" to input bias current drift specification in Electrical
Characteristics for clarity.................................................................................................................................... 6
• Added test condition of "TA = –40°C to +85°C" to input offset current drift specification in Electrical
Characteristics for clarity.................................................................................................................................... 6
• Changed maximum gain error specification for INA128PA/UA and INA129PA/UA with G = 1 from ±0.01%
to ±0.1% in Electrical Characteristics ................................................................................................................ 6
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com