Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA206AIDGST Datasheet(PDF) 22 Page - Texas Instruments

Part # INA206AIDGST
Description  INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA206AIDGST Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA206AIDGST Datasheet HTML 18Page - Texas Instruments INA206AIDGST Datasheet HTML 19Page - Texas Instruments INA206AIDGST Datasheet HTML 20Page - Texas Instruments INA206AIDGST Datasheet HTML 21Page - Texas Instruments INA206AIDGST Datasheet HTML 22Page - Texas Instruments INA206AIDGST Datasheet HTML 23Page - Texas Instruments INA206AIDGST Datasheet HTML 24Page - Texas Instruments INA206AIDGST Datasheet HTML 25Page - Texas Instruments INA206AIDGST Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
R
2
V
IN–
INA206
x20
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1RESET
OUT
CMP1 IN+
CMP2 IN+/0.6 REF
GND
1.2V REF
Load
Supply
+5-V Supply
R
1k
PULLUP
W
V
IN+
V
S
CMP2 IN–
CMP1 IN–/0.6 REF
R
SHUNT
R
1
R
3
R
4
V
=
UPPER
0.6(R +
)
1
R
2
R
2
V
=
LOWER
0.6(R +
)
3
R
4
R
4
INA206
x20
Load
5V Supply
V
S
OUT
CMP1 IN–/0.6 REF
CMP1 IN+
CMP2 IN–
CMP2 IN+/0.6 REF
GND
V
IN+
V
IN–
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1RESET
1.2V REF
Transparent/Reset
Latch
Load Supply
–18V to +80V
R
3m
SHUNT
W
R
4.7k
PULL-UP
W
R
4.7k
PULL-UP
W
Optional Delay
Capacitor
0.2 F
µ
Current Shunt
Monitor Output
C
0.01 F
BYPASS
µ
INA206, INA207, INA208
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Basic Connection
Figure 40 shows the basic connection of the INA206, INA207, and INA208. The input pins, VIN+ and VIN–,
should be connected as closely as possible to the shunt resistor to minimize any resistance in series with the
shunt resistance.
Power-supply bypass capacitors are required for stability. Applications with noisy or high impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Connect bypass capacitors
close to the device pins.
Figure 40. INA20x Basic Connection
9.2 Typical Application
Figure 41. Using the INA206, INA207, and INA208 as Window Comparators
22
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com