Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180A2IDBVT Datasheet(PDF) 27 Page - Texas Instruments

Part # INA180A2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180A2IDBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA180A2IDBVT Datasheet HTML 23Page - Texas Instruments INA180A2IDBVT Datasheet HTML 24Page - Texas Instruments INA180A2IDBVT Datasheet HTML 25Page - Texas Instruments INA180A2IDBVT Datasheet HTML 26Page - Texas Instruments INA180A2IDBVT Datasheet HTML 27Page - Texas Instruments INA180A2IDBVT Datasheet HTML 28Page - Texas Instruments INA180A2IDBVT Datasheet HTML 29Page - Texas Instruments INA180A2IDBVT Datasheet HTML 30Page - Texas Instruments INA180A2IDBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
IN±
IN+
GND
VS
OUT
+
±
Single-Channel
TI Device
VS
2.7 V to 5.5 V
Output
RPROTECT
< 10
RSENSE
Bus Supply
±0.2 V to +26 V
Load
CBYPASS
0.1 µF
Figure 9-5. Transient Protection Using Dual Zener Diodes
In the event that low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. The most package-efficient solution involves using a single transzorb and back-to-back
diodes between the device inputs, as shown in Figure 9-6. The most space-efficient solutions are dual, series-
connected diodes in a single SOT-523 or SOD-523 package. In either of the examples shown in Figure 9-5 and
Figure 9-6, the total board area required by the INAx180 with all protective components is less than that of an
SO-8 package, and only slightly greater than that of an MSOP-8 package.
Transorb
Output
IN±
IN+
GND
OUT
+
±
< 10
< 10
VS
VS
2.7 V to 5.5 V
CBYPASS
0.1 µF
RSENSE
Bus Supply
±0.2 V to +26 V
Load
Single-Channel
TI Device
Figure 9-6. Transient Protection Using a Single Transzorb and Input Clamps
For a reference design example, see Current Shunt Monitor With Transient Robustness Reference Design.
9.4 Layout
9.4.1 Layout Guidelines
• Connect the input pins to the sensing resistor using a Kelvin or 4-wire connection. This connection technique
makes sure that only the current-sensing resistor impedance is detected between the input pins. Poor routing
of the current-sensing resistor commonly results in additional resistance present between the input pins.
Given the very low ohmic value of the current resistor, any additional high-current carrying impedance can
cause significant measurement errors.
• Place the power-supply bypass capacitor as close as possible to the device power supply and ground pins.
The recommended value of this bypass capacitor is 0.1 µF. Additional decoupling capacitance can be added
to compensate for noisy or high-impedance power supplies.
• When routing the connections from the current sense resistor to the device, keep the trace lengths as close
as possible in order to minimize any impedance mismatch.
www.ti.com
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com