Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF355 Datasheet(PDF) 7 Page - Texas Instruments

Part # LF355
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF355 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LF355 Datasheet HTML 3Page - Texas Instruments LF355 Datasheet HTML 4Page - Texas Instruments LF355 Datasheet HTML 5Page - Texas Instruments LF355 Datasheet HTML 6Page - Texas Instruments LF355 Datasheet HTML 7Page - Texas Instruments LF355 Datasheet HTML 8Page - Texas Instruments LF355 Datasheet HTML 9Page - Texas Instruments LF355 Datasheet HTML 10Page - Texas Instruments LF355 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
www.ti.com
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
DC Electrical Characteristics (continued)
See
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LF15x, LF25x, LF356B
11
15.1
VCM, High
LF35x
10
15.1
Input common-mode
VCM
VS = ±15 V
V
voltage range
LF15x, LF25x, LF356B
−12
–11
VCM, Low
LF35x
−12
–10
LF15x, LF25x, LF356B
85
100
Common-mode rejection
CMRR
dB
ratio
LF35x
80
100
LF15x, LF25x, LF356B
85
100
Supply voltage rejection
PSRR
dB
ratio(4)
LF35x
80
100
(4)
Supply Voltage Rejection is measured for both supply magnitudes increasing or decreasing simultaneously, in accordance with common
practice.
6.8 Power Dissipation Ratings
MIN
MAX
UNIT
LF15x
560
LMC Package (Still Air)
LF25x, LF356B, LF35x
400
LF15x
1200
Power Dissipation at
LMC Package
mW
TA = 25°C
(1) (2)
(400 LF/Min Air Flow)
LF25x, LF356B, LF35x
1000
P Package
LF25x, LF356B, LF35x
670
D Package
LF25x, LF356B, LF35x
380
(1)
The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the
ambient temperature, TA. The maximum available power dissipation at any temperature is PD = (TJMAX − TA) / θJA or the 25°C PdMAX,
whichever is less.
(2)
Maximum power dissipation is defined by the package characteristics. Operating the part near the maximum power dissipation may
cause the part to operate outside specified limits.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com